| Zakładka z wyszukiwarką danych komponentów |
|
PRO280LM Arkusz danych(PDF) 1 Page - AEROTECH US. ALL RIGHTS RESERVED. |
|
|
|||||||||||||||||||||||||||||
PRO280LM Arkusz danych(HTML) 1 Page - AEROTECH US. ALL RIGHTS RESERVED. |
|
1 / 7 page ![]() Precise, Reliable & Adaptable The PRO280LM is a heavy-duty industrial stage with an exceptional payload-carrying capacity. Compared to PRO225LM, PRO280LM provides up to 50% greater payload capacity, and the wider bearing separation further minimizes geometric errors. Combining superior craftsmanship and the highest quality components, PRO280LM stages consistently and reliably deliver best-in-class positioning performance. Key Applications PRO280LM mechanical bearing, direct-drive linear stages are extremely versatile, trusted and proven in medium- and high- performance applications, such as: Laser material processing Precision metrology, inspection & microscopy Electronics & circuit board manufacturing & inspection Display processing Synchrotron & light source experiments Medical device manufacturing Semiconductor fabrication Fiber optics & silicon photonics processing Additive manufacturing & precision assembly Mechanical Bearing, Direct-Drive Linear Stage PRO280LM KEY FEATURES: Offers ultra HEAVY-DUTY LOAD CAPACITY & high stiffness Ironless, cogless linear motor delivers SMOOTH, ULTRA-PRECISE MOTION EXCELLENT POSITIONING & DYNAMIC CAPABILITIES in a cost-effective package BEST-IN-CLASS GEOMETRIC PERFORMANCE ensures superior workpoint accuracy Rugged, reliable construction is ideal for VERSATILE INDUSTRIAL USE Hardcover & side seals offer PROTECTION AGAINST CONTAMINATION & PARTICULATES ThermoComp® option automatically COMPENSATES FOR THERMAL DISTURBANCES VACUUM- & CLEANROOM-COMPATIBLE versions available |
Podobny numer części - PRO280LM |
|
Podobny opis - PRO280LM |