| Zakładka z wyszukiwarką danych komponentów |
|
RJK6054DPP Arkusz danych(PDF) 2 Page - Inchange Semiconductor Company Limited |
|
|
|||||||||||||||||||||||||||||
RJK6054DPP Arkusz danych(HTML) 2 Page - Inchange Semiconductor Company Limited |
|
2 / 2 page ![]() isc N-Channel MOSFET Transistor RJK6054DPP www.iscsemi.com 2 ELECTRICAL CHARACTERISTICS(TC=25℃ unless otherwise specified) SYMBOL PARAMETER CONDITIONS MIN MAX UNIT V(BR)DSS Drain-Source Breakdown Voltage VGS= 0; ID= 10mA 600 -- V IDSS Zero Gate Voltage Drain Current VDS= 600V; VGS= 0 -- 1 uA IGSS Gate-Body Leakage Current VGS= ±30V;VDS= 0 -- ± 100 nA VGS(th) Gate Threshold Voltage VDS= VGS; ID=1mA 3.0 4.5 V RDS(on) Drain-Source On-Resistance VGS= 10V; ID= 8A -- 0.72 Ω VSD Forward On-Voltage IS= 16A; VGS= 0 -- 1.5 V PRODUCT DISCLAIMER ISC reserves the rights to make changes of the content herein the datasheet at any time without notification. The information contained herein is presented only as a guide for the applications of our products. ISC products are intended for usage in general electronic equipment. The products are not designed for use in equipment which require specialized quality and/or reliability, or in equipment which could have applications in hazardous environments, aerospace industry, or medical field. Please contact us if you intend our products to be used in these special applications. ISC makes no warranty or guarantee regarding the suitability of its products for any particular purpose, nor does ISC assume any liability arising from the application or use of any products, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. It is strictly prohibited to reprint or copy part or all of this datasheet without permission from ISC. |