Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCF4538 Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części HCF4538
Szczegółowy opis  DUAL MONOSTABLE MULTIVIBRATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4538 Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button HCF4538 Datasheet HTML 4Page - STMicroelectronics HCF4538 Datasheet HTML 5Page - STMicroelectronics HCF4538 Datasheet HTML 6Page - STMicroelectronics HCF4538 Datasheet HTML 7Page - STMicroelectronics HCF4538 Datasheet HTML 8Page - STMicroelectronics HCF4538 Datasheet HTML 9Page - STMicroelectronics HCF4538 Datasheet HTML 10Page - STMicroelectronics HCF4538 Datasheet HTML 11Page - STMicroelectronics HCF4538 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Power Down Mode
During a rapid power-down conditiona, as would
occur with a power supply short circuit or with a
poorly filtered power supply, the energy stored in CX
could discharge into Pin 2 or 14. To Avoid possible
device damage in this mode, when CX is
≤0.5micro-
farad, a aprotection diode with a 1 Ampere or higher
rating (1N5395 or equivalent) and a separate
ground return for CX should be provided as shown
in Fig. 1
An alternate protection method is shown in Fig. 2,
where a 51
Ω current limit resistor is inserted in
series with CX. Note that a small pulse width de-
crease will occour however, and RX must be appro-
priately increased to obtain the originally desired
pulse width.
Figure 1: rapid Power Down Protection Circuit
Figure 2: Alternate rapid Power Down Protection
Circuit
HCC/HCF4538B
8/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14