Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCC4071 Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części HCC4071
Szczegółowy opis  OR GATE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4071 Arkusz danych(HTML) 6 Page - STMicroelectronics

Back Button HCC4071 Datasheet HTML 2Page - STMicroelectronics HCC4071 Datasheet HTML 3Page - STMicroelectronics HCC4071 Datasheet HTML 4Page - STMicroelectronics HCC4071 Datasheet HTML 5Page - STMicroelectronics HCC4071 Datasheet HTML 6Page - STMicroelectronics HCC4071 Datasheet HTML 7Page - STMicroelectronics HCC4071 Datasheet HTML 8Page - STMicroelectronics HCC4071 Datasheet HTML 9Page - STMicroelectronics HCC4071 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (T amb =25°C, CL = 50pF, RL = 200kΩ,
typical temperature coefficient for all VDD = 0.3%/°C values , all input rise and fall time = 20ns)
Val ue
Symbol
Parameter
Test Conditions
V DD (V) Min.
Typ.
Max.
Unit
t PHL
Propagation Delay Time
5
125
250
ns
10
60
120
15
45
90
t PLH
Propagation Delay Time
5
175
350
ns
70
50
140
15
50
140
t THL,tTLH Transition Time
5
100
200
ns
10
50
100
15
40
80
TEST CIRCUITS
Quiescent Device Current.
Input Voltage.
Input Leakage Current.
HCC/HFC4071B/72B/75B
6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11