Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC0809 Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części ADC0809
Szczegółowy opis  ADC0808/ADC0809 8-Bit μP Compatible A/D Converters with 8-Channel Multiplexer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

ADC0809 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button ADC0809 Datasheet HTML 7Page - Texas Instruments ADC0809 Datasheet HTML 8Page - Texas Instruments ADC0809 Datasheet HTML 9Page - Texas Instruments ADC0809 Datasheet HTML 10Page - Texas Instruments ADC0809 Datasheet HTML 11Page - Texas Instruments ADC0809 Datasheet HTML 12Page - Texas Instruments ADC0809 Datasheet HTML 13Page - Texas Instruments ADC0809 Datasheet HTML 14Page - Texas Instruments ADC0809 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
ADC0808-N, ADC0809-N
www.ti.com
SNAS535H – OCTOBER 1999 – REVISED MARCH 2013
The ADC0808 needs less than a milliamp of supply current so developing the supply from the reference is
readily accomplished. In Figure 13 a ground referenced system is shown which generates the supply from the
reference. The buffer shown can be an op amp of sufficient drive to supply the milliamp of supply current and the
desired bus drive, or if a capacitive bus is driven by the outputs a large capacitor will supply the transient supply
current as seen in Figure 14. The LM301 is overcompensated to insure stability when loaded by the 10
μF output
capacitor.
The top and bottom ladder voltages cannot exceed VCC and ground, respectively, but they can be symmetrically
less than VCC and greater than ground. The center of the ladder voltage should always be near the center of the
supply. The sensitivity of the converter can be increased, (i.e., size of the LSB steps decreased) by using a
symmetrical reference system. In Figure 15, a 2.5V reference is symmetrically centered about VCC/2 since the
same current flows in identical resistors. This system with a 2.5V reference allows the LSB bit to be half the size
of a 5V reference system.
Figure 12. Ground Referenced
Conversion System Using Trimmed Supply
Figure 13. Ground Referenced Conversion System with
Reference Generating VCC Supply
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC0808-N ADC0809-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com