| Zakładka z wyszukiwarką danych komponentów |
|
TLC6989DYYR Arkusz danych(PDF) 39 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC6989DYYR Arkusz danych(HTML) 39 Page - Texas Instruments |
|
39 / 71 page ![]() 7.6.6 DEVCTRL Register (Address = 0x5) [Reset = 0x0000] DEVCTRL is shown in Figure 7-28 and described in Table 7-10. Return to the DEVICE Registers Summary Table. Figure 7-28. DEVCTRL Register 15 14 13 12 11 10 9 8 RESERVED R/W-0x0 7 6 5 4 3 2 1 0 RESERVED FORCE_FS RESERVED EXIT_FS R/W-0x0 R/W1C-0x0 R/W-0x0 R/W1C-0x0 Table 7-10. DEVCTRL Register Field Descriptions Bit Field Type Reset Description 15-3 RESERVED R/W 0x0 Reserved 2 FORCE_FS R/W1C 0x0 Switch the device from NORMAL state to FAILSAFE state 0x0 = Keep current state 0x1 = Bring device to FAILSAFE state 1 RESERVED R/W 0x0 Reserved 0 EXIT_FS R/W1C 0x0 Bring device out of FAILSAFE mode to NORMAL mode www.ti.com TLC6989 SLVSHF5 – NOVEMBER 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 39 Product Folder Links: TLC6989 |