Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCC4585 Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części HCC4585
Szczegółowy opis  4-BIT MAGNITUDE COMPARATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4585 Arkusz danych(HTML) 5 Page - STMicroelectronics

  HCC4585 Datasheet HTML 1Page - STMicroelectronics HCC4585 Datasheet HTML 2Page - STMicroelectronics HCC4585 Datasheet HTML 3Page - STMicroelectronics HCC4585 Datasheet HTML 4Page - STMicroelectronics HCC4585 Datasheet HTML 5Page - STMicroelectronics HCC4585 Datasheet HTML 6Page - STMicroelectronics HCC4585 Datasheet HTML 7Page - STMicroelectronics HCC4585 Datasheet HTML 8Page - STMicroelectronics HCC4585 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (T amb =25°C, CL = 50pF, RL = 200kΩ,
typical temperature coefficient for all VDD values is 0.3%/°C, all input rise and fall time = 20ns)
Test Conditions
Val ue
Symbol
Parameter
V DD (V) Min.
Typ.
Max.
Unit
t PHL ,
t PLH
Propagation Delay Time
Comparing Inputs to Outputs
5300
600
ns
10
125
250
15
80
160
Cascading Input to Outputs
5
200
400
ns
10
80
160
15
60
120
t THL,
t TLH
Transition Time
5
100
200
ns
10
50
100
15
40
80
Output Low (sink) Current Characteristics.
Output High (source) Current Characteristics.
Typical Transition Time vs. Load Capacitance.
Typical Propagation Delay Time (comparing in-
puts to outputs) vs. Load Capacitance.
HCC/HCF4585B
5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12