Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SSM2311CBZ-R2 Arkusz danych(PDF) 15 Page - Analog Devices

Numer części SSM2311CBZ-R2
Szczegółowy opis  Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

SSM2311CBZ-R2 Arkusz danych(HTML) 15 Page - Analog Devices

Back Button SSM2311CBZ-R2 Datasheet HTML 11Page - Analog Devices SSM2311CBZ-R2 Datasheet HTML 12Page - Analog Devices SSM2311CBZ-R2 Datasheet HTML 13Page - Analog Devices SSM2311CBZ-R2 Datasheet HTML 14Page - Analog Devices SSM2311CBZ-R2 Datasheet HTML 15Page - Analog Devices SSM2311CBZ-R2 Datasheet HTML 16Page - Analog Devices SSM2311CBZ-R2 Datasheet HTML 17Page - Analog Devices SSM2311CBZ-R2 Datasheet HTML 18Page - Analog Devices SSM2311CBZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
SSM2311
Rev. 0 | Page 15 of 20
APPLICATION NOTES
OVERVIEW
The SSM2311 mono Class-D audio amplifier features a filterless
modulation scheme that greatly reduces the external components
count, conserving board space and thus reducing the system’s cost.
The SSM2311 does not require an output filter, but instead relies
on the inherent inductance of the speaker coil and the natural
filtering of the speaker and the human ear to fully recover the audio
component of the square-wave output. While many Class-D ampli-
fiers use some variation of pulse-width modulation (PWM), the
SSM2311 uses Σ-Δ modulation to determine the switching
pattern of the output devices. This provides a number of important
benefits. Σ-Δ modulators do not produce a sharp peak with
many harmonics in the AM frequency band, as pulse-width
modulators often do. Σ-Δ modulation provides the benefits of
reducing the amplitude of spectral components at high frequencies;
that is, reducing EMI emission that might otherwise be radiated
by speakers and long cable traces. Due to the inherent spread-
spectrum nature of Σ-Δ modulation, the need for oscillator
synchronization is eliminated for designs incorporating
multiple SSM2311 amplifiers.
The SSM2311 also offers protection circuits for overcurrent and
temperature protection.
GAIN
The SSM2311 has a default gain of 18 dB, but can be reduced by
using a pair of external resistors with a value calculated as follows:
External Gain Settings = 300k/(37.5k + Rext)
POP-AND-CLICK SUPPRESSION
Voltage transients at the output of audio amplifiers can occur when
shutdown is activated or deactivated. Voltage transients as low
as 10 mV can be heard as an audio pop in the speaker. Clicks
and pops can also be classified as undesirable audible transients
generated by the amplifier system and therefore as not coming
from the system input signal. Such transients can be generated
when the amplifier system changes its operating mode. For example,
the following can be sources of audible transients: system power-up/
power-down, mute/unmute, input source change, and sample rate
change. The SSM2311 has a pop-and-click suppression architecture
that reduces these output transients, resulting in noiseless activation
and deactivation.
LAYOUT
As output power continues to increase, care needs to be taken to
lay out PCB traces and wires properly between the amplifier,
load, and power supply. A good practice is to use short, wide
PCB tracks to decrease voltage drops and minimize inductance.
Ensure that track widths are at least 200 mil for every inch of
track length for lowest DCR, and use 1 oz or 2 oz of copper PCB
traces to further reduce IR drops and inductance. A poor layout
increases voltage drops, consequently affecting efficiency. Use
large traces for the power supply inputs and amplifier outputs to
minimize losses due to parasitic trace resistance.
Proper grounding guidelines help to improve audio
performance, minimize crosstalk between channels, and
prevent switching noise from coupling into the audio signal. To
maintain high output swing and high peak output power, the
PCB traces that connect the output pins to the load and supply
pins should be as wide as possible to maintain the minimum
trace resistances. It is also recommended to use a large-area
ground plane for minimum impedances.
In addition, good PCB layouts isolate critical analog paths from
sources of high interference. High frequency circuits (analog
and digital) should be separated from low frequency ones.
Properly designed multilayer printed circuit boards can reduce
EMI emission and increase immunity to the RF field by a factor of
10 or more compared with double-sided boards. A multilayer
board allows a complete layer to be used for the ground plane,
whereas the ground plane side of a double-sided board is often
disrupted with signal crossover. If the system has separate analog
and digital ground and power planes, the analog ground plane
should be underneath the analog power plane, and, similarly, the
digital ground plane should be underneath the digital power
plane. There should be no overlap between analog and digital
ground planes or analog and digital power planes.
70
60
50
40
30
20
10
0
–10
30
100
1000
FREQUENCY (MHz)
Figure 47. EMI Emissions from SSM2311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20