| Zakładka z wyszukiwarką danych komponentów |
|
ISB35389 Arkusz danych(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ISB35389 Arkusz danych(HTML) 6 Page - STMicroelectronics |
|
6 / 15 page ![]() MPUL LPUL Trip Level = 0.5* Vdd 0.2* Vdd Vss - 0.3 Volts Vdd + 0.3 Volts 0.8 * Vdd Typical Current from all Vdd supplies at LPUL or MPDL 25 µA per receiver MPDL LPDL MPUL LPUL Trip Level = 1.4 Volts (nominal) Vss + 0.8 Volts Vss - 0.3 Volts Vdd + 0.3 Volts Vss + 2.0 Volts Typical Current from all Vdd supplies at LPUL or MPDL 25 µA per receiver MPDL LPDL Figure 4a. D.C. Specifications for LVCMOS Input Receivers Figure 4b. D.C. Specifications for LVTTL Input Receivers Current Drive (mA) Maximum Capacitance (pF) 2.0 50 4.0 100 8.0 200 12.0 300 16.0 400 24.0 800 Table 2. I/O Drive Capacity for LVCMOS and LVTTL Slew Rate Buffers Current Drive (mA) Maximum Capacitance (pF) 2.0 50 4.0 100 8.0 200 12.0 300 16.0 400 24.0 800 Table 3. I/O Drive Capacity for LVCMOS and LVTTL Non Slew Rate Buffers ISB35000 SERIES 6/15 |