| Zakładka z wyszukiwarką danych komponentów |
|
ISB35832 Arkusz danych(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ISB35832 Arkusz danych(HTML) 14 Page - STMicroelectronics |
|
14 / 15 page ![]() Symbol Parameter Conditions Min Typ Max Unit Notes VIL Low Level Input Voltage 0.8 Volts 2,3 VIH High Level Input Voltage 2.0 Volts 2,3 VOL Low Level Output Voltage IOL = Rated Buffer Current 0.2 0.4 Volts 2,3,4 VOH High Level Output Voltage IOH = Rated Buffer Current 2.4 3.0 Volts 2,3,4 Vt + Schmitt Trigger +Ve Threshold 1.7 1.9 Volts 2,3 Vt - Schmitt Trigger -Ve Threshold 0.9 1.1 Volts 2,3 Note 1. These are normal Voltage and extended temperature specifications VDD from 3.0 V to 3.6 V Temperature Ambient from -55 to 125 degrees Centigrade Note 2. Adherence to rules in Power Pin / Pad Specifications Required Note 3. Refer to the ISB35000 Gate Array Specification for full Testing Levels and Conditions Note 4. Buffers offered in 2, 4, 8, 12, 16, and 24 mA TTL options Table 9. LVTTL Interface DC Electrical Characteristics (Note 1) Symbol Parameter Conditions Min Typ Max Unit Notes VIL Low Level Input Voltage 0.2xVDD Volts 2,3,4 VIH High Level Input Voltage 0.8xVDD Volts 2,3,4 VOL Low Level Output Voltage IOL = Rated Buffer Current 0.2 0.4 Volts 2,3,4,5,6 VOH High Level Output Voltage IOH = Rated Buffer Current 0.85 x VDD 0.9 x VDD Volts 2,3,4,5,6 Vt + Schmitt Trigger +Ve Threshold 1.7 1.9 Volts 2,3 Vt - Schmitt Trigger -Ve Threshold 0.9 1.1 Volts 2,3 Note 1. These are extended voltage and temperature specifications VDD from 2.7 V to 3.6 V Temperature Ambient from -55 to 125 degrees Centigrade Note 2. Adherence to rules in Power Pin / Pad Specifications Required Note 3. Refer to the ISB35000 Gate Array Specification for full Testing Levels and Conditions Note 4. Buffers offered in 2, 4, and 8 mA CMOS options Note 5. Note only one CMOS buffer may sink or source DC current when parametric measurements are taken due to the reason that the power supply specifications for CMOS product are not written to support DC current. If more than one buffer is active voltage drops in the supply may cause false failure readings. Note 6. If no buffers are sinking or sourcing current and all internal pull up or pull down resistors in bidi buffers have been disabled by having the T2 Test Pin positive V OL (max) = 0.05 Volts and VOH (min)=VDD-0.05 Volts Table 10. LVCMOS Interface DC Electrical Characteristics (Note 1) ISB35000 SERIES 14/15 |