| Zakładka z wyszukiwarką danych komponentów |
|
L293B Arkusz danych(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L293B Arkusz danych(HTML) 6 Page - STMicroelectronics |
|
6 / 12 page ![]() Figure6: Output Voltage versus Input Voltage Figure 7 : Output Voltage versus Inhibit Voltage APPLICATION INFORMATION Figure 8 : DC Motor Controls (with connection to ground and to the supply voltage) Figure 9 : Bidirectional DC Motor Control Inputs Function Vinh = H C = H ; D = L Turn Right C = L ; D = H Turn Left C = D Fast Motor Stop Vinh = L C = X ; D = X Free Running Motor Stop L = Low H = High X = Don’t Care Vinh AM1B M2 H H Fast Motor Stop H Run H L Run L Fast Motor Stop L X Free Running Motor Stop X Free Running Motor Stop L = Low H = High X = Don’t Care L293B - L293E 6/12 |