| Zakładka z wyszukiwarką danych komponentów |
|
ATP024A7R Arkusz danych(PDF) 2 Page - Macromatic Industrial Controls, Inc. |
|
|
|||||||||||||||||||||||||||||
ATP024A7R Arkusz danych(HTML) 2 Page - Macromatic Industrial Controls, Inc. |
|
2 / 3 page ![]() 81 Hold Down Spring Catalog Number 70166 Panel Mount Assembly For Panel Mounting Standard Plug-in Products Catalog Number 70400 SOCKETS & ACCESSORIES 3/14 (Relay Not Included with Assembly-- Shown for Reference Only) This assembly provides a simple & economi- cal method to mount plug-in products to the deadfront of an enclosure/panel: u Sturdy Aluminum Construction u Stainless Steel Studs u All Mounting Hardware Included u White Textured Painted Finish u 2 3/16” W x 3 7/16” H Panel Cutout Can be used for: u Panel-Mounted Sockets u Sockets Mounted to 35mm DIN Track * * Requires two machine screws with washers & nuts-- contact Macromatic or www.macromatic.com/70166 for more information. Index By Catalog Number 70166 81 70169-D 80 70170-D 80 70400 81 70500 81 ARP012A2 32 ARP012A2R 32 ARP012A3 34 ARP012A3R 34 ARP012A5 34 ARP012A5R 34 ARP012A6 32 ARP012A6R 32 ARP024A2 32 ARP024A2R 32 ARP024A3 34 ARP024A3R 34 ARP024A5 34 ARP024A5R 34 ARP024A6 32 ARP024A6R 32 ARP120A2 32 ARP120A2R 32 ARP120A3 34 ARP120A3R 34 ARP120A5 34 ARP120A5R 34 ARP120A6 32 ARP120A6R 32 ARP240A2 32 ARP240A2R 32 ARP240A3 34 ARP240A3R 34 ARP240A5 34 ARP240A5R 34 ARP240A6 32 ARP240A6R 32 ATP024A1 36 ATP024A1R 36 ATP024A7R 36 ATP120A1 36 ATP120A1R 36 ATP120A7R 36 CAH05Ayyy 16 CAH20Ayyy 16 CAH50Ayyy 16 CMKP01A22 18 CMKP01A28 18 CMKP01A62 18 CMKP01A68 18 CMKP05A22 18 CMKP05A28 18 CMKP05A62 18 CMKP05A68 18 CMKP10A22 18 CMKP10A28 18 CMKP10A62 18 CMKP10A68 18 CMP01A22 18 CMP01A28 18 CMP01A62 18 CMP01A68 18 CMP05A22 18 CMP05A28 18 CMP05A62 18 CMP05A68 18 CMP10A22 18 CMP10A28 18 CMP10A62 18 CMP10A68 18 COH05Ayyy 16 COH20Ayyy 16 COH50Ayyy 16 COKP01A22 19 COKP01A28 19 COKP01A62 19 COP10A62 19 COP10A68 19 CUH05Ayyy *** 16 CUH20Ayyy *** 16 CUH50Ayyy *** 16 CUP01A22 20 CUP01A28 20 CUP01A62 20 CUP01A68 20 CUP05A22 20 CUP05A28 20 CUP05A62 20 CUP05A68 20 CUP10A22 20 CUP10A28 20 CUP10A62 20 CUP10A68 20 COKP01A68 19 COKP05A22 19 COKP05A28 19 COKP05A62 19 COKP05A68 19 COKP10A22 19 COKP10A28 19 COKP10A62 19 COKP10A68 19 COP01A22 19 COP01A28 19 COP01A62 19 COP01A68 19 COP05A22 19 COP05A28 19 COP05A62 19 COP05A68 19 COP10A22 19 COP10A28 19 Product * Page Product * Page Product * Page Product * Page Product * Page Product * Page * The “-xx” suffix denotes the time range for time delay relays with adjustable time delay. Contact Macromatic for any product not listed. *** The “-yyy” suffix denotes the input voltage, trip delay & sensing delay for CxH Series encapsulated current sensing relays. Continued on Page 82 DIN Rail Adaptor Kit Catalog Number 70500 Quick & Economical Way to Install Any THx Series 2” x 2” Encapsulated Time Delay Relays on 35mm DIN Track u Clip Comes with a Threaded Hole to Eliminate Need for a Washer & Nut u All Mounting Hardware Included Produc t Pendi ng Obs olesce nce- Contac t Macro matic f or Avai lability |