| Zakładka z wyszukiwarką danych komponentów |
|
320-0X Arkusz danych(PDF) 3 Page - Apex Electronics Co., Ltd |
|
|
|||||||||||||||||||||||||||||
320-0X Arkusz danych(HTML) 3 Page - Apex Electronics Co., Ltd |
|
3 / 3 page ![]() 9 Slotted Bits D D Sleeve Sleeve Part Screw Max. Min. Length G Diameter E No. Size In. mm In. mm In. mm In. mm L 5F-6R .260 6.60 .233 5.92 1 7/8 47.6 3/8 9.5 M 6F-6R .309 7.85 .261 6.63 1 7/8 47.6 7/16 11.1 P 8F-6R .368 9.35 .310 7.87 1 7/8 47.6 1/2 12.7 NP* 8F-10R .368 9.35 .310 7.87 1 7/8 47.6 7/16 11.1 R 10F-12R .415 10.54 .369 9.37 2 50.8 9/16 14.3 S 12F-14R .478 12.14 .416 10.57 2 50.8 5/8 15.9 T 14F-16R .522 13.26 .479 12.17 2 1/8 54.0 11/16 17.5 U 16F-20R .621 15.77 .523 13.28 2 1/8 54.0 3/4 19.1 W 20F-22R .665 16.89 .622 15.80 2 1/16 52.4 13/16 20.3 Y 24F-24R .715 18.16 .666 16.92 2 1/32 51.6 15/16 23.8 *Sleeve NP is a cup type sleeve. E G D Min. D Max. 1/4” Hex Power Drive Slotted Power Bits with Finder Sleeves Part No. Blade Bit Body Complete Part No. Screw Bit Length Thickness Diameter Assembly Bit Only Size In. mm In. mm In. mm L-320X• 320-LX 5F-6R 3 3/4 95 .036 .91 .193 4.90 M-320X• 320-MX 6F-8R 3 3/4 95 .038 .97 .241 6.12 P-320X• 320-PX 8F-10R 3 3/4 95 .042 1.07 .290 7.37 R-320X• 320-RX 10F-12R 3 3/4 95 .046 1.17 .350 8.89 S-320X 320-SX 12F-14R 3 7/8 98 .050 1.27 .395 10.03 T-320X• 320-TX 14F-16R 4 1/8 105 .055 1.40 .457 11.61 Each finder sleeve assembly part number begins with a letter prefix that denotes the particular sleeve used with that assembly. The chart below gives complete dimensional data for each finder sleeve. 1/4” Power Drive with Finder Sleeves Part No. Blade Bit Body Complete Part No. Screw Bit Length Thickness Diameter Assembly Bit Only Size In. mm In. mm In. mm L-328X 328-LX 5F-6R 6 1/2 165 .036 .91 .193 4.90 M-328X 328-MX• 6F-8R 6 1/2 165 .038 .97 .241 6.12 P-328X 328-PX• 8F-10R 6 1/2 165 .046 1.07 .290 7.37 R-328X 328-RX• 10F-12R 6 1/2 165 .046 1.17 .350 8.89 S-328X• 328-SX 12F-14R 6 1/2 165 .050 1.27 .395 10.03 1/4” Hex Power Drive – Long Series Part No. Blade Bit Body Complete Part No. Screw Bit Length Thickness Diameter Assembly Bit Only Size In. mm In. mm In. mm OOOL-322X• 322-000LX• 2F-3R 2 3/32 53 .026 .66 .138 3.91 OOL-322X• - 3F-4R 2 3/32 53 .030 .76 .154 3.91 OL-322X 322-0LX 4F-5R 2 5/32 55 .034 .86 .185 4.70 L-322X - 5F-6R 2 5/32 55 .036 .91 .185 4.70 M-322X• 322-MX 6F-8R 2 5/32 55 .040 1.02 .248 6.30 P-322X - 8F-10R 2 5/32 55 .042 1.07 .283 7.19 R-322X - 10F-12R 2 5/32 55 .046 1.17 .283 7.19 Bit Body Part Screw Bit Length Blade Thickness Diameter Number Size In. mm In. mm In. mm R-321X 10F-12R 3 7/8 98 .046 1.17 .350 8.89 S-321X 12F-14R 3 7/8 98 .050 1.27 .395 10.03 T-321X 14F-16R 4 1/8 105 .055 1.40 .457 11.61 U-321X 16F-20R 4 1/8 105 .060 1.52 .503 12.78 W-321X• 20F-22R 4 1/8 105 .062 1.57 .545 13.84 Y-321X 24F-24R 4 1/8 105 .065 1.65 .595 15.11 7/16” Hex Power Drive with Finder Sleeves See chart on page 14 for sleeve diameters. 1/4” Hex Power Drive – Extra Short Series • Indicates a commonly requested item that is either in stock or has a max typical leadtime of 4 weeks from the factory. No minimum on these items. |