Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L4938E Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części L4938E
Szczegółowy opis  ADVANCED VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4938E Arkusz danych(HTML) 6 Page - STMicroelectronics

Back Button L4938E Datasheet HTML 2Page - STMicroelectronics L4938E Datasheet HTML 3Page - STMicroelectronics L4938E Datasheet HTML 4Page - STMicroelectronics L4938E Datasheet HTML 5Page - STMicroelectronics L4938E Datasheet HTML 6Page - STMicroelectronics L4938E Datasheet HTML 7Page - STMicroelectronics L4938E Datasheet HTML 8Page - STMicroelectronics L4938E Datasheet HTML 9Page - STMicroelectronics L4938E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Connecting a resistor divider R1E,R2E to the ADJ,
OUT2 pin the output voltage 2 can be pro-
grammed to the value of
VOUT2
= VOUT1
1
+
R1E
(R2E
+ RADJ)
R2E
⋅ RADJ
with RADJ = 60K to 150K and VOUT1 = 4.95 to
5.05V.
For an exact calculation the temperature coeffi-
cient (Tc -2000pprm) of the internal resistor
(RADJ) must be taken into account. Pin ADJ in this
mode should not have a capacitive burden be-
cause this would reduce the phase margin of the
regulator loop.
Reset circuit
The reset circuit supervises the standby output
voltage. The reset output (RES) is defined from
VOUT
≥ 1V.
Even if VS is lacking, the reset generator is sup-
plied by the output voltage VOUT1.
The reset threshold of 4.7V is defined with the in-
ternal reference voltage (note 9) and standby out-
put divider, when pin PR is left open. The reset
threshold voltage can be programmed in the
range from 3.8V to 4.7V by connecting an exter-
nal resistor from pin PR to GND.
The value of the programming resistor RPR can
be calculated with:
RPR
=
22K
4.7K
VRT
−1
− 92.9K,3.8V ≤ VRT ≤ 4.7V
The reset pulse delay time tRD, is defined with the
charge time of an external capacitor CT:
tRDmin
=
CT
⋅ 0.6V
1
µA
(note 5)
tRDnom
=
CT ⋅ 1.4V
1
µA
(note 6)
The reaction time of the reset circuit originates
from the noise immunity. Standby output voltage
drops below the reset threshold only a bit longer
than the reaction time results in a shorter reset
delay time. The nominal reset delay time will be
generated for standby output voltage drops longer
than approximately 50
µs.
The minimum rset time is generated if reset con-
dition only occures for a short time triggering a re-
set pulse but not completely discharging CT. The
reset can be related to output2 on request. If
higher charge currents for the reset capacitor are
required a resistors from Pin CT to OUT1, may be
used to increase the current. We recommended
the use of 10K
Ω to 5V as an output pull up.
Sense Comparator
The sense comparator compares an input signal
with an internal voltage reference of typical 1.23V.
The use of an external voltage divider makes this
comparator very flexible in the application. It can
be used to supervise the input voltage either be-
fore or after the protection diode and to give addi-
tional information to the microprocessor like low
voltage warnings. We recommended the use of
10K
Ω to 5V as an output pull up.
Note 9:
The reference is alternatively supplied from VS or VOUT1. If one supply
is present, the reference is operating.
Thermal Protection
Both outputs are provided with an overtempera-
ture shut down regulation power dissipation down
to uncritical values.
Output 2 will shut down approximately 10K before
output 1.
Under normal conditions shut down of output 2
will allow the chip to cool down again. Thus out-
put 1 will be unaffected.
The thermal shut down reduces the output volt-
ages until power dissipation and the flow of ther-
mal energy out of the chip balance.
Transient Sensitivity
In proper operation (VOUT > 4.5V) the reference is
supplied by VOUT1 thus reducing sensitivity to in-
put transients.
Precise Data will be issued as soon as samples
are available.
L4938E - L4938ED - L4938EPD
6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12