Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCL Arkusz danych(PDF) 2 Page - Nichicon corporation

Numer części PCL
Szczegółowy opis  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NICHICON [Nichicon corporation]
Strona internetowa  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PCL Arkusz danych(HTML) 2 Page - Nichicon corporation

  PCL_V01 Datasheet HTML 1Page - Nichicon corporation PCL_V01 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
50
PCL
Dimensions
Rated Capacitance
(µF)
Rated Voltage
(V)
(code)
Surge Voltage
(V)
Leakage Current
(µA)
ESR
(m )
(at 100kHz 20°C)
Rated Ripple
(mArms)
(105°C / 100kHz)
tan δ
Part Number
Case Size
φD × L (mm)
4
(0G)
16
(1C)
10
(1A)
6.3
(0J)
4.6
18.4
20
(1D)
23.0
25
(1E)
28.7
11.5
7.2
150
180
390
560
1200
1800
2200
2700
47
220
330
680
1000
1800
33
68
120
150
470
820
1200
22
39
82
120
270
390
470
680
27
39
100
180
12
33
56
82
300
360
312
448
960
1440
1760
2160
148
277
415
856
1260
2268
165
340
240
300
940
1640
2400
176
124
262
384
864
1248
1504
2176
108
156
400
720
100
165
280
410
25
25
24
22
15
14
12
11
30
22
14
12
11
10
70
30
30
21
17
15
13
90
37
30
27
20
18
16
14
60
45
22
20
70
50
45
30
2100
2300
2700
3200
5400
5500
5400
5600
1900
2500
3900
4600
4800
5500
1100
1900
2700
2880
3800
4300
4800
1000
2000
2700
2900
3600
3900
4200
4700
1400
2000
3200
4300
1200
2000
2200
3800
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
5×6
5×6
6.3×6
8×7
8×10
8×12
10×10
10×12.7
5×6
6.3×6
8×7
8×10
8×12
10×12.7
5×6
5×6
6.3×6
8×7
8×10
10×10
10×12.7
5×6
6.3×6
6.3×6
8×7
8×10
8×12
10×10
10×12.7
6.3×6
8×7
8×12
10×12.7
6.3×6
8×10
10×10
10×12.7
PCL0G151MCL1GS
PCL0G181MCL1GS
PCL0G391MCL1GS
PCL0G561MCL1GS
PCL0G122MCL1GS
PCL0G182MCL1GS
PCL0G222MCL1GS
PCL0G272MCL1GS
PCL0J470MCL1GS
PCL0J221MCL1GS
PCL0J331MCL1GS
PCL0J681MCL1GS
PCL0J102MCL1GS
PCL0J182MCL1GS
PCL1A330MCL1GS
PCL1A680MCL1GS
PCL1A121MCL1GS
PCL1A151MCL1GS
PCL1A471MCL1GS
PCL1A821MCL1GS
PCL1A122MCL1GS
PCL1C220MCL1GS
PCL1C390MCL1GS
PCL1C820MCL1GS
PCL1C121MCL1GS
PCL1C271MCL1GS
PCL1C391MCL1GS
PCL1C471MCL1GS
PCL1C681MCL1GS
PCL1D270MCL1GS
PCL1D390MCL1GS
PCL1D101MCL1GS
PCL1D181MCL1GS
PCL1E120MCL1GS
PCL1E330MCL1GS
PCL1E560MCL1GS
PCL1E820MCL1GS
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
Taping specifications are given in page 23.
Recommended land size, soldering by reflow are given in page 18, 19.
Please refer to page 3 for the minimum order quantity.



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com