Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RF2514PCBA-41X Arkusz danych(PDF) 3 Page - RF Micro Devices

Numer części RF2514PCBA-41X
Szczegółowy opis  VHF/UHF TRANSMITTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RFMD [RF Micro Devices]
Strona internetowa  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2514PCBA-41X Arkusz danych(HTML) 3 Page - RF Micro Devices

  RF2514PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF2514PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF2514PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF2514PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF2514PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF2514PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF2514PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF2514PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF2514PCBA-41X Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3 of 18
RF2514
Rev A5 DS040115
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Power Supply
Voltage
2.25
3.0
3.6
V
Specifications
Operating limits
Current Consumption
Average
8
mA
50% Duty Cycle 4kHz Data applied to the MOD
IN input. RMODIN (R7+R8)=10kΩ. Output
power/DC current consumption externally
adjustable by modulation input resistor (see
applicable Application Schematic).
Sleep Mode
1
μAPD=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18