| Zakładka z wyszukiwarką danych komponentów |
|
SL23EP04NZZC-1 Arkusz danych(PDF) 7 Page - SpectraLinear Inc |
|
|
|||||||||||||||||||||||||||||
SL23EP04NZZC-1 Arkusz danych(HTML) 7 Page - SpectraLinear Inc |
|
7 / 12 page ![]() Rev 1.1, April 16, 2007 Page 7 of 12 SL23EP04NZ Switching Electrical Characteristics (I-Grade and VDD=3.3V – Cont.) Unless otherwise stated VDD= 3.3V+/- 10%, CL=15pF and Ambient Temperature range -40 to +85°C Output Fall Time tf CL=25pF, measured at 0.8V to 2.0V – – 1.6 ns CLKIN=66MHz, CL=15pF 5 – – ns CLKIN High or Low Time tHL CLKIN=140MHz, CL=15pF 2 – – ns Output to Output Skew SKW1 Measured at VDD/2 and Outputs are equally loaded – 50 100 ps Part to Part Skew SKW2 Measured at VDD/2 and Outputs are equally loaded – 90 200 ps Propagation Delay Time PDT Measured at VDD/2 from CLKIN to Output Clock rising edge and Outputs are equally loaded – 3.2 4.0 ns Cycle-to-Cycle Jitter CCJ1 CLKIN=66MHz and CL=0 (No Load) – 60 120 ps Cycle-to-Cycle Jitter CCJ2 CLKIN=133MHz and CL=0 (No Load) – 50 100 ps Operating Conditions (C-Grade and VDD=2.5V) Unless otherwise stated VDD= 2.5V+/- 10%, CL=15pF and Ambient Temperature range 0 to +70°C Description Symbol Condition Min Typ Max Unit Operating Voltage VDD VDD+/-10% 2.25 2.5 2.75 V Operating Temperature TA Ambient Temperature 0 – 70 °C Input Capacitance VIH Pins 1 and 2 – 5 7 pF Output Capacitance COUT Pins 3, 5, 7 and 8 – 3 5 pF Load Capacitance CL Pins 3, 5, 7 and 8 – – 30 pF DC Electrical Characteristics (C-Grade and VDD=2.5V) Unless otherwise stated VDD= 2.5V+/- 10%, CL=15pF and Ambient Temperature range 0 to +70°C Description Symbol Condition Min Typ Max Unit Input Low Voltage VINL CLKIN and OE – – 0.7 V Input High Voltage VINH CLKIN and OE 1.7 – VDD+0.3 V Input Low Current IINL 0 < VIN < 0.8V -5 +/-2 5 µA Input High Current IINH 2.4V < VIN < VDD -5 +/-2 5 µA Output Low Voltage VOL IOL=8mA – – 0.3 V Output High Voltage VOH IOH=-8mA VDD-0.6 – – V Power Supply Current IDD1 CLKIN=33MHz CL=0 (No load at outputs) – 6.5 9.0 mA Power Supply Current IDD2 CLKIN=66MHz CL=0 (No load at outputs) – 9 13 mA Power Supply Current IDD3 CLKIN=166MHz CL=0 (No load at outputs) –12 18 mA |