| Zakładka z wyszukiwarką danych komponentów |
|
OP467ARC/883C Arkusz danych(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP467ARC/883C Arkusz danych(HTML) 16 Page - Analog Devices |
|
16 / 20 page ![]() OP467 Rev. F | Page 16 of 20 15 VDD VREFAVREFC RFBARFBC RFBBRFBD VREFBVREFD DB0 (LSB) DS2 IOUT 1A IOUT 1C IOUT 2A/ IOUT 2C/ IOUT 2B IOUT 2D IOUT 1B IOUT 1D DGND DAC8408 OUT A OUT B OUT D OUT C C1 10pF C3 10pF C4 10pF C2 10pF 7 5 4 11 6 OP467 OP467 1 1 2 3 7 8 9 10 11 12 4 5 6 13 14 DIGITAL CONTROL SIGNALS DB1 DB2 DB3 DB4 DB5 (MSB) DB7 DB6 28 27 26 22 21 20 19 18 17 25 24 23 16 R/W A/B DS1 0.1µF 0.1µF +15V +10V +10V +5V +10V +10V –15V 2 3 OP467 14 12 13 OP467 8 10 9 Figure 50. Quad DAC Unipolar Operation FAST I-TO-V CONVERTER The fast slew rate and fast settling time of the OP467 are well suited to the fast buffers and I-to-V converters used in a variety of applications. The circuit in Figure 50 is a unipolar quad DAC consisting of only two ICs. The current output of the DAC8408 is converted to a voltage by the OP467 configured as an I-to-V converter. This circuit is capable of settling to 0.1% within 200 ns. Figure 51 and Figure 52 show the full-scale settling time of the outputs. To obtain reliable circuit performance, keep the traces from the IOUT of the DAC to the inverting inputs of the OP467 short to minimize parasitic capacitance. 260.0ns 100ns 50mV 2V 100 90 10 0% Figure 51. Falling Edge Output Settling Time 251.0ns 100ns 50mV 2V 100 90 10 0% Figure 52. Rising Edge Output Settling Time 2kΩ 2kΩ 1kΩ 60.4kΩ 604Ω 50kΩ 3pF DAC8408 DC OFFSET RFB IOUT I-V OP467 AD847 Figure 53. DAC VOUT Settling Time Circuit |