Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L4973 Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części L4973
Szczegółowy opis  3.5A STEP DOWN SWITCHING REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4973 Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button L4973 Datasheet HTML 5Page - STMicroelectronics L4973 Datasheet HTML 6Page - STMicroelectronics L4973 Datasheet HTML 7Page - STMicroelectronics L4973 Datasheet HTML 8Page - STMicroelectronics L4973 Datasheet HTML 9Page - STMicroelectronics L4973 Datasheet HTML 10Page - STMicroelectronics L4973 Datasheet HTML 11Page - STMicroelectronics L4973 Datasheet HTML 12Page - STMicroelectronics L4973 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
0123
IO(A)
5.0
5.05
5.1
5.15
VO
(V)
D97IN640
Tj=25
°C
Tj=125
°C
VCC = 35V
Figure 10: Load Regulation (see fig. 1c)
0
1020304050
VCC(V)
3.3
3.31
3.32
3.34
VO
(V)
3.33
3.35
D97IN660A
Tj=25
°C
Tj=125
°C
IO =1A
Figure 11: Line Regulation (see fig. 1d)
0123
IO(A)
3.3
3.31
3.33
3.35
VO
(V)
3.32
3.34
D97IN661
Tj=25
°C
Tj=125
°C
VCC = 35V
Figure 12: Load Regulation (see fig. 1d)
0
20
40
60
80
R2(K
Ω)
5
10
20
50
100
200
500
fsw
(KHz)
D97IN630
0.82nF
1.2nF
2.2nF
3.3nF
4.7nF
5.6nF
Tamb=25
°C
Figure 13: Switching Frequency vs.R2 and C7
(fig. 1)
0
1020
304050
VCC(V)
90
95
100
105
fsw
(KHz)
D97IN631
Tamb=25
°C
Figure 14: Switching Frequency vs. Input Voltage
-50
0
50
100
Tj(
°C)
90
95
100
105
fsw
(KHz)
D97IN632
Figure 15: Switching Frequency vs. Junction
temperature (see fig. 1)
L4973V3 - L4973V5 - L4973D3 - L4973D5
9/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16