| Zakładka z wyszukiwarką danych komponentów |
|
ADCMP563BRQZ Arkusz danych(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADCMP563BRQZ Arkusz danych(HTML) 13 Page - Analog Devices |
|
13 / 16 page ![]() ADCMP563/ADCMP564 Rev. B | Page 13 of 16 TYPICAL APPLICATION CIRCUITS ADCMP563/ ADCMP564 ALL RESISTORS 50 Ω OUTPUTS VIN VREF LATCH ENABLE INPUTS –2.0V Figure 24. High Speed Sampling Circuits ALL RESISTORS 50 Ω UNLESS OTHERWISE NOTED OUTPUTS +VREF –VREF VIN LATCH ENABLE INPUTS ADCMP563/ ADCMP564 ADCMP563/ ADCMP564 –2V –2V OUTPUTS Figure 25. High Speed Window Comparator ADCMP564 ALL RESISTORS 50 Ω, UNLESS OTHERWISE NOTED OUTPUTS HYS VIN VREF –2.0V 0 Ω TO 80kΩ Figure 26. Adding Hysteresis Using the HYS Control Pin VIN –5.2V 30 Ω 127 Ω 127 Ω 50 Ω 30 Ω 50 Ω ADCMP563/ ADCMP564 Figure 27. One Method to Interface an ECL Output to an Instrument with a 50 Ω to Ground Input |