Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CLC5957PCASM Arkusz danych(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części CLC5957PCASM
Szczegółowy opis  12-Bit, 70MSPS Broadband Monolithic A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5957PCASM Arkusz danych(HTML) 2 Page - National Semiconductor (TI)

  CLC5957PCASM Datasheet HTML 1Page - National Semiconductor (TI) CLC5957PCASM Datasheet HTML 2Page - National Semiconductor (TI) CLC5957PCASM Datasheet HTML 3Page - National Semiconductor (TI) CLC5957PCASM Datasheet HTML 4Page - National Semiconductor (TI) CLC5957PCASM Datasheet HTML 5Page - National Semiconductor (TI) CLC5957PCASM Datasheet HTML 6Page - National Semiconductor (TI) CLC5957PCASM Datasheet HTML 7Page - National Semiconductor (TI) CLC5957PCASM Datasheet HTML 8Page - National Semiconductor (TI) CLC5957PCASM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Pin Configuration
01502901
Ordering Information
CLC5957MTD
48-Pin TSSOP
CLC5957MTDX
48-Pin TSSOP (Taped
Reel)
CLC5957PCASM
Evaluation Board
Pin Descriptions
Pin
Name
Pin
No.
Description
A
IN
A
IN
13, 14
Differential input with a common mode voltage of +2.4V. The ADC
full scale input is 1.024 V
PP on each of the complimentary input
signals.
ENCODE
ENCODE
9, 10
Differential clock where ENCODE initiates a new data conversion
cycle on each rising edge. Logic for these inputs are a 50% duty
cycle universal differential signal (>200mV). The clock input is
internally biased to V
CC/2 with a termination impedance of 2.5kΩ.
V
CM
21
Internal common mode voltage reference. Nominally +2.4V. Can be
used for the input common mode voltage. This voltage is derived
from an internal bandgap reference. V
CM should be buffered when
driving any external load. Failure to buffer this signal can cause
errors in the internal bias currents.
D0–D11
30–34,
39–45
Digital data outputs are CMOS and TTL compatible. D0 is the LSB
and D11 is the MSB. MSB is inverted. Output coding is two’s
complement. Current limited to source/sink 2.5mA typical.
GND
1–4, 8, 11, 12, 15, 19,
20, 23–26, 35, 36, 47, 48
Circuit ground.
+AV
CC
5–7, 16–18, 22
+5V power supply for the analog section. Bypass to ground with a
0.1 µF capacitor.
+DV
CC
37, 38, 46
+5V power supply for the digital section. Bypass to ground with a
0.1 µF capacitor.
NC
29
No connect. May be left open or grounded.
DAV
27
Data Valid Clock. Data is valid on rising edge. Current limited to
source/sink 5mA typical.
OUTLEV
28
Output Logic 3.3V or 2.5V option. Open = 3.3V, GND = 2.5V.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16