Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L6219DSA Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części L6219DSA
Szczegółowy opis  STEPPER MOTOR DRIVER FOR AUTOMOTIVE RANGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6219DSA Arkusz danych(HTML) 6 Page - STMicroelectronics

  L6219DSA Datasheet HTML 1Page - STMicroelectronics L6219DSA Datasheet HTML 2Page - STMicroelectronics L6219DSA Datasheet HTML 3Page - STMicroelectronics L6219DSA Datasheet HTML 4Page - STMicroelectronics L6219DSA Datasheet HTML 5Page - STMicroelectronics L6219DSA Datasheet HTML 6Page - STMicroelectronics L6219DSA Datasheet HTML 7Page - STMicroelectronics L6219DSA Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
VS,VSS,VRef
The circuit will stand any order of turn-on or turn-
off the supply voltages VS and VSS. Normal dV/dt
values are then assumed.
Preferably, VRef should be tracking VSS during
power-on and power-off if VS is established.
APPLICATION INFORMATIONS (Note 1)
Some stepper motors are not designed for contin-
uous operation at maximum current. As the circuit
drives a constant current through the motor, its
temperature might increase exceedingly both at
low and high speed operation.
Also, some stepper motors have such high core
losses that they are not suited for switch mode
current regulation.
Unused inputs should be connected to proper
voltage levels in order to get the highest noise im-
munity.
As the circuit operates with switch mode current
regulation,
interference
generation
problems
might arise in some applications. A good measure
might then be to decouple the circuit with a 100nF
capacitor, located near the package between
power line and ground.
The ground lead between Rs, and circuit GND
should be kept as short as possible.
A typical Application Circuit is shown in Fig. 3.
Note that Ct must be NPO type or similar else.
To sense the winding current, paralleled metal
film resistors are recommended (Rs)
Note 1 - Other information is available as ”Smart
Power Development System”:
Test board HWL6219DSA (Stepper driver)
Software SWL6219DSA (Floppy disc)
Figure 3: Typical Application Circuit. (Pin out referred to DIP24 package)
L6219DSA
6/8



Html Pages

1 2 3 4 5 6 7 8