Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM1237 Arkusz danych(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM1237
Szczegółowy opis  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1237 Arkusz danych(HTML) 20 Page - National Semiconductor (TI)

Back Button LM1237 Datasheet HTML 16Page - National Semiconductor (TI) LM1237 Datasheet HTML 17Page - National Semiconductor (TI) LM1237 Datasheet HTML 18Page - National Semiconductor (TI) LM1237 Datasheet HTML 19Page - National Semiconductor (TI) LM1237 Datasheet HTML 20Page - National Semiconductor (TI) LM1237 Datasheet HTML 21Page - National Semiconductor (TI) LM1237 Datasheet HTML 22Page - National Semiconductor (TI) LM1237 Datasheet HTML 23Page - National Semiconductor (TI) LM1237 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Microcontroller Interface (Continued)
READ SEQUENCE
Read sequences are comprised of two I
2C compatible trans-
fer sequences: The first is a write sequence that only trans-
fers the two byte address to be accessed. The second is a
read sequence that starts at the address transferred in the
previous address only write access and increments to the
next address upon every data byte read. This is shown in
Figure 20. The write sequence consists of the Start Pulse,
the Slave Device Address, the Read/Write bit (a zero, indi-
cating a write) and the Acknowledge bit; the next byte is the
least significant byte of the address to be accessed, followed
by its Acknowledge bit. This is then followed by a byte
containing the most significant address byte, followed by its
Acknowledge bit. Then a Stop bit indicates the end of the
address only write access. Next the read data access will be
performed beginning with the Start Pulse, the Slave Device
Address, the Read/Write bit ( a one, indicating a read) and
the Acknowledge bit. The next 8 bits will be the read data
driven out by the LM1237 preamp associated with the ad-
dress indicated by the two address bytes. Subsequent read
data bytes will correspond to the next increment address
locations. Data should only be read from the LM1237 when
both OSD windows are disabled.
20023426
FIGURE 19. I
2C Compatible Write Sequence
20023427
FIGURE 20. I
2C Compatible Read Sequence
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com