| Zakładka z wyszukiwarką danych komponentów |
|
HD36-18-21SN-059 Arkusz danych(PDF) 16 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
HD36-18-21SN-059 Arkusz danych(HTML) 16 Page - TE Connectivity Ltd |
|
16 / 164 page ![]() INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR PAGE 16 SERIES OVERVIEW HDP20 Series • Accepts contact sizes 4 (100 amps), 8 (60 amps), 12 (25 amps), 16 (13 amps), and 20 (7.5 amps) • 4-22 AWG (25.00-0.35 mm2) • 2, 6, 7, 8, 9, 14, 16, 18, 19, 20, 21, 23, 29, 31, 33, 35, and 47 cavity arrangements • In-line or flange mount • Circular, thermoplastic housing • Coupling ring for mating HD30 Series • Accepts contact sizes 4 (100 amps), 8 (60 amps), 12 (25 amps), 16 (13 amps), and 20 (7.5 amps) • 6-22 AWG (13.00-0.35 mm2) • 2, 6, 8, 9, 14, 16, 18, 19, 20, 21, 23, 29, 31, 33, 35, and 47 cavity arrangements • In-line or flange mount • Circular, aluminum housing • Coupling ring for mating HDSCS Connectors • Accepts contact sizes 6.3 (up to 40 amps), 2.8 (up to 40 amps), and 1.5K (up to 20 amps) • 6.00-0.20 mm2 • 2, 3, 4, 6, 7, 8, 10, 12, 15, 16, and 18 cavity arrangements • In-line or flange mount • Rectangular, thermoplastic housing • Slide lock for mating • Integrated secondary lock confirms contact alignment and retention • Product specification documents: 108-94020 and 114-18756 LEAVYSEAL Connectors • Accepts contact sizes 6.3 (up to 40 amps), 2.8 (up to 40 amps), and 1.5K (up to 20 amps) • 6.00-0.20 mm2 • 15, 18, 21, 22, 26, 29, 31, 39, 46, 62, and 92 cavity arrangements • In-line, flange, or PCB mount • Rectangular, thermoplastic housing • Lever for mating • Integrated secondary lock confirms contact alignment and retention • Product specification documents: 108-18696 and 114-18376 |