| Zakładka z wyszukiwarką danych komponentów |
|
5.0SMDJ30A-R Arkusz danych(PDF) 5 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
5.0SMDJ30A-R Arkusz danych(HTML) 5 Page - Bourns Electronic Solutions |
|
5 / 6 page ![]() 5.0SMDJ-R SERIES Transient Voltage Suppressor Diodes *RoHS COMPLIANT & **HAL OGEN FREE www.bourns.com TECHNICAL INVENTORY SAMPLES FOLLOW CONTACT LIBRARY PRODUCT SELECTOR Packaging Specifications The product will be dispensed in tape and reel format (see diagram below). ....... ....... ....... ....... ....... ....... ....... ....... P A F E T 120 ° D2 D D 1 W1 C Index Hole P0 P1 W B 10 pitches (min.) Direction of Feed 10 pitches (min.) End Trailer Device Unidirectional Product Orientation Leader Start d Devices are packed in accordance with EIA standard RS-481-A and specifications shown here. DIMENSIONS: MM (INCHES) Item Symbol SMC (DO-214AB) 13-Inch Reel Carrier Width A 6.0 ± 2.0 (0.236 - 0.079) Carrier Length B 8.3 ± 0.20 (0.327 ± 0.008) Carrier Depth C 2.5 ± 0.20 (0.098 ± 0.008) Sprocket Hole d 1.50 ± 0.10 (0.059 ± 0.004) Reel Outside Diameter D 330 (12.992) Reel Inner Diameter D1 50.0 (1.969) MIN. Feed Hole Diameter D2 13.0 +0.50/-0.20 (0.512 +0.020/-0.008) Sprocket Hole Position E 1.75 ± 0.10 (0.069 ± 0.004) Punch Hole Position F 7.50 ± 0.10 (0.295 ± 0.004) Punch Hole Pitch P 8.00 ± 0.10 (0.315 ± 0.004) Sprocket Hole Pitch P0 4.00 ± 0.10 (0.157 ± 0.004) Embossment Center P1 2.00 ± 0.10 (0.079 ± 0.004) Overall Tape Thickness T 0.30 ± 0.10 (0.012 ± 0.004) Tape Width W 16.00 ± 0.30 (0.630 ± 0.012) Reel Width W1 22.4 (0.882) MAX. Quantity per Reel -- 3,000 Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/ disclaimer.pdf. REV. 12/25 |