Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

25CS160-H/ST Arkusz danych(PDF) 6 Page - Microchip Technology

Numer części 25CS160-H/ST
Szczegółowy opis  16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CS160-H/ST Arkusz danych(HTML) 6 Page - Microchip Technology

Back Button 25CS160-H/ST Datasheet HTML 2Page - Microchip Technology 25CS160-H/ST Datasheet HTML 3Page - Microchip Technology 25CS160-H/ST Datasheet HTML 4Page - Microchip Technology 25CS160-H/ST Datasheet HTML 5Page - Microchip Technology 25CS160-H/ST Datasheet HTML 6Page - Microchip Technology 25CS160-H/ST Datasheet HTML 7Page - Microchip Technology 25CS160-H/ST Datasheet HTML 8Page - Microchip Technology 25CS160-H/ST Datasheet HTML 9Page - Microchip Technology 25CS160-H/ST Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20007008B-page 6
25CS160
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Electrical Characteristics:
Industrial (I): TAMB = -40°C to +85°C
VCC = 1.7V to 5.5V
Extended (E): TAMB = -40°C to +125°C VCC = 1.8V to 5.5V
Extended (H): TAMB = -40°C to +150°C VCC = 2.5V to 5.5V
Param.
No.
Symbol
Characteristic
Min.
Max.
Units
Test Conditions
1FCLK
Clock Frequency
—20
MHz
VCC ≥ 4.5V, TAMB ≤ +125°C
—10
MHz
VCC ≥ 2.5V
—5
MHz
VCC ≥ 1.7V
2TCSS
CS Setup Time
15
—
ns
VCC ≥ 4.5V, TAMB ≤ +125°C
30
—
ns
VCC ≥ 2.5V
60
—
ns
VCC ≥ 1.7V
3TCSH
CS Hold Time
15
—
ns
VCC ≥ 4.5V, TAMB ≤ +125°C
30
—
ns
VCC ≥ 2.5V
60
—
ns
VCC ≥ 1.7V
4TCSD
CS Disable Time
50
—
ns
5TSU
Data Setup Time
5—
ns
VCC ≥ 4.5V, TAMB ≤ +125°C
10
—
ns
VCC ≥ 2.5V
20
—
ns
VCC ≥ 1.7V
6THD
Data Hold Time
5—
ns
VCC ≥ 4.5V, TAMB ≤ +125°C
10
—
ns
VCC ≥ 2.5V
20
—
ns
VCC ≥ 1.7V
7TR
CLK Rise Time
—
2
µs
Note 1
8TF
CLK Fall Time
—
2
µs
Note 1
9THI
Clock High Time
20
—
ns
VCC ≥ 4.5V, TAMB ≤ +125°C
40
—
ns
VCC ≥ 2.5V
80
—
ns
VCC ≥ 1.7V
10
TLO
Clock Low Time
20
—
ns
VCC ≥ 4.5V, TAMB ≤ +125°C
40
—
ns
VCC ≥ 2.5V
80
—
ns
VCC ≥ 1.7V
11
TCLD
Clock Delay Time
50
—
ns
12
TCLE
Clock Enable Time
50
—
ns
13
TV
Output Valid from Clock
Low
—20
ns
VCC ≥ 4.5V, TAMB ≤ +125°C
—40
ns
VCC ≥ 2.5V
—80
ns
VCC ≥ 1.7V
14
THO
Output Hold Time
0
—
ns
Note 1
15
TDIS
Output Disable Time
—20
ns
VCC ≥ 4.5V, TAMB ≤ 125°C (Note 1)
—40
ns
VCC ≥ 2.5V (Note 1)
—80
ns
VCC ≥ 1.7V (Note 1)
16
THS
HOLD Setup Time
5—
ns
VCC ≥ 4.5V, TAMB ≤ +125°C
10
—
ns
VCC ≥ 2.5V
20
—
ns
VCC ≥ 1.7V
Note 1: This parameter is not 100% tested but is ensured by characterization.
2: TWC begins on the rising edge of CS after a valid write sequence and ends when the internal write cycle is
complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53