| Zakładka z wyszukiwarką danych komponentów |
|
AD8531AKSZ-R2 Arkusz danych(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8531AKSZ-R2 Arkusz danych(HTML) 20 Page - Analog Devices |
|
20 / 20 page ![]() AD8531/AD8532/AD8534 Rev. F | Page 20 of 20 ORDERING GUIDE Model Temperature Range Package Description Package Option Branding AD8531AKS-R2 −40°C to +85°C 5-Lead SC70 KS-5 A7B AD8531AKS-REEL7 −40°C to +85°C 5-Lead SC70 KS-5 A7B AD8531AKSZ-R21 −40°C to +85°C 5-Lead SC70 KS-5 A0Q AD8531AKSZ-REEL71 −40°C to +85°C 5-Lead SC70 KS-5 A0Q AD8531ART-REEL −40°C to +85°C 5-Lead SOT-23 RJ-5 A7A AD8531ART-REEL7 −40°C to +85°C 5-Lead SOT-23 RJ-5 A7A AD8531ARTZ-REEL1 −40°C to +85°C 5-Lead SOT-23 RJ-5 A0P AD8531ARTZ-REEL71 −40°C to +85°C 5-Lead SOT-23 RJ-5 A0P AD8531AR −40°C to +85°C 8-Lead SOIC_N R-8 AD8531AR-REEL −40°C to +85°C 8-Lead SOIC_N R-8 AD8531ARZ1 −40°C to +85°C 8-Lead SOIC_N R-8 AD8531ARZ-REEL1 −40°C to +85°C 8-Lead SOIC_N R-8 AD8532AR −40°C to +85°C 8-Lead SOIC_N R-8 AD8532AR-REEL −40°C to +85°C 8-Lead SOIC_N R-8 AD8532AR-REEL7 −40°C to +85°C 8-Lead SOIC_N R-8 AD8532ARZ1 −40°C to +85°C 8-Lead SOIC_N R-8 AD8532ARZ-REEL1 −40°C to +85°C 8-Lead SOIC_N R-8 AD8532ARZ-REEL71 −40°C to +85°C 8-Lead SOIC_N R-8 AD8532ARM-R2 −40°C to +85°C 8-Lead MSOP RM-8 ARA AD8532ARM-REEL −40°C to +85°C 8-Lead MSOP RM-8 ARA AD8532ARMZ-R21 −40°C to +85°C 8-Lead MSOP RM-8 A0R AD8532ARMZ-REEL1 −40°C to +85°C 8-Lead MSOP RM-8 A0R AD8532ARU −40°C to +85°C 8-Lead TSSOP RU-8 AD8532ARU-REEL −40°C to +85°C 8-Lead TSSOP RU-8 AD8532ARUZ1 −40°C to +85°C 8-Lead TSSOP RU-8 AD8532ARUZ-REEL1 −40°C to +85°C 8-Lead TSSOP RU-8 AD8534AR −40°C to +85°C 14-Lead SOIC_N R-14 AD8534AR-REEL −40°C to +85°C 14-Lead SOIC_N R-14 AD8534ARZ1 −40°C to +85°C 14-Lead SOIC_N R-14 AD8534ARZ-REEL1 −40°C to +85°C 14-Lead SOIC_N R-14 AD8534ARU −40°C to +85°C 14-Lead TSSOP RU-14 AD8534ARU-REEL −40°C to +85°C 14-Lead TSSOP RU-14 AD8534ARUZ1 −40°C to +85°C 14-Lead TSSOP RU-14 AD8534ARUZ-REEL1 −40°C to +85°C 14-Lead TSSOP RU-14 1 Z = RoHS Compliant Part. ©1996–2008 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D01099-0-1/08(F) |