| Zakładka z wyszukiwarką danych komponentów |
|
SP312ACP Arkusz danych(PDF) 1 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP312ACP Arkusz danych(HTML) 1 Page - Sipex Corporation |
|
1 / 12 page ![]() Date: 10/17/ 05 SP232A Series Enhanced RS232 Transceivers © Copyright 2005 Sipex Corporation 1 SP232A/233A/310A/312A ■ Operates from Single +5V Power Supply ■ Meets All RS-232F and ITU V.28 Specifications ■ Operates with 0.1µF to 1µF Capacitors ■ High Data Rate – 120Kbps Under Load ■ Low Power CMOS – 3mA Operation (SP232A) ■ No External Capacitors Required (SP233A) ■ Low Power Shutdown (SP310A,SP312A) ■ Enhanced ESD Protection (2kV Human Body Model) Number of RS232 No. of Receivers No. of External Model Drivers Receivers Active in Shutdown 0.1µF Capacitors Shutdown WakeUp TTL Tri–State SP232A 22 N//A 4 No No No SP233A 22 N/A 0 No No No SP310A 22 0 4 Yes No Yes SP312A 22 2 4 Yes Yes Yes Enhanced RS-232 Line Drivers/Receivers ® DESCRIPTION SELECTION TABLE The SP232A/233A/310A/312A devices are a family of line driver and receiver pairs that meet the specifications of RS-232 and V.28 serial protocols. These devices are pin-to-pin compatible with popular industry standards. As with the initial versions, the SP232A/233A/310A/312A devices feature at least 120Kbps data rate under load, 0.1µF charge pump capacitors, and overall ruggedness for commercial applications. This family also features Sipex's BiCMOS design allowing low power operation without sacrificing performance. The series is available in plastic DIP and SOIC packages operating over the commercial and industrial temperature ranges. Now Available in Lead Free Packaging VCC GND T1OUT R1IN R1OUT T1IN T2IN R2OUT C1+ V+ C1- C2+ C2- V- T2OUT R2IN 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 FEATURES |
Podobny numer części - SP312ACP |
|
Podobny opis - SP312ACP |