| Zakładka z wyszukiwarką danych komponentów |
|
PCAN0603H1000FST1 Arkusz danych(PDF) 1 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
PCAN0603H1000FST1 Arkusz danych(HTML) 1 Page - Vishay Siliconix |
|
1 / 5 page ![]() PCAN www.vishay.com Vishay Dale Thin Film Revision: 23-Oct-2019 1 Document Number: 60125 For technical questions, contact: thinfilm@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 High Power Aluminum Nitride, Wraparound Surface Mount, Precision Thin Film Chip Resistor (up to 6 W) ADDITIONAL RESOURCES PCAN series chip resistors are designed on aluminum nitride ceramic substrates with enlarged backside terminations to reduce the thermal resistance between the topside resistor layer and the solder joint on the end users circuit assembly. Actual power handling capability is limited by the end user mounting process. As with any high power chip resistor the ability to remove the heat is critical to the overall performance of the device. FEATURES • High thermal conductivity aluminum nitride substrate • Power rating up to 6.0 W • Resistance range 2 to 30.1 k • Resistor tolerance to ± 0.1 % • TCR to ± 25 ppm/°C • Flame resistant UL 94 V-0 • Material categorization: for definitions of compliance please see www.vishay.com/doc?99912 Note * This datasheet provides information about parts that are RoHS-compliant and / or parts that are non RoHS-compliant. For example, parts with lead (Pb) terminations are not RoHS-compliant. Please see the information / tables in this datasheet for details APPLICATIONS • Power supplies • Power switching • Braking system TYPICAL PERFORMANCE Note (1) Dependant on component mounting by user Note (1) Dependant on component mounting by user 333 DDD3 D 3D Models ABSOLUTE TCR 25 TOL. 0.1 Available Available Available STANDARD ELECTRICAL SPECIFICATIONS TEST SPECIFICATIONS CONDITIONS Material Passivated nichrome - Resistance Range 2 to 30.1 k - TCR: Absolute 25 ppm/°C (standard) and 100 ppm/°C - Tolerance: Absolute 0.1 %, 0.25 %, 0.5 %, 1.0 %, 2.0 %, and 5.0 % -55 °C to +150 °C Power Rating: Resistor 0.5 W to 6.0 W (1) Maximum at +70 °C Stability: Absolute R 1.0 % 1000 h at +70 °C Voltage Coefficient < 0.1 ppm/V - Working Voltage 75 V to 100 V - Operating Temperature Range -55 °C to +155 °C - Storage Temperature Range -55 °C to +155 °C - Noise < -30 dB - Shelf Life Stability: Absolute ± 0.01 % 1 year at +25 °C COMPONENT RATINGS CASE SIZE POWER RATING (mW) WORKING VOLTAGE (V) RESISTANCE RANGE ( ) 0603 500 (1) 75 2 to 30.1K 0805 1000 (1) 100 2 to 30.1K 1206 2000 (1) 100 2 to 30.1K 2512 6000 (1) 100 2 to 30.1K |
Podobny numer części - PCAN0603H1000FST1 |
|
Podobny opis - PCAN0603H1000FST1 |