Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HS08C80T Arkusz danych(PDF) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Numer części HS08C80T
Szczegółowy opis  HS08C80T 8A TRIAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Strona internetowa  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

HS08C80T Arkusz danych(HTML) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  HS08C80T Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. HS08C80T Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. HS08C80T Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. HS08C80T Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Peak pulse voltage
(Tj=25℃; non-repetitive,off-state;FIG.7)
VPP
1
kV
ELECTRICAL CHARACTERISTICS (Tj=25℃ unless otherwise specified)
Symbol
Test Condition
Quadrant
Value
Unit
IGT
VD=12V RL=33Ω
Ⅰ
-Ⅱ-Ⅲ
MAX.
25
mA
Ⅳ
50
VGT
ALL
MAX.
1
V
VGD
VD=VDRM Tj=125℃
RL=3.3KΩ
ALL
MIN.
0.2
V
IL
IG=1.2IGT
Ⅰ
-Ⅲ-Ⅳ
MAX.
40
mA
Ⅱ
80
IH
IT=200mA
MAX.
30
mA
dV/dt
VD=540V Gate Open Tj=125℃
MIN.
500
V/μs
(dV/dt)c
(dI/dt)c=3.5A/ms, Tj=125℃
MIN.
6
V/μs
ton
IG=80mA IA=400mA IR=40mA
Tj=25℃
TYP.
5
μs
toff
30
STATIC CHARACTERISTICS 
Symbol
Parameter
Value(MAX.)
Unit
VTM
ITM=11A tp=380μs
Tj=25℃
1.5
V
VTO
Threshold voltage
Tj=125℃
0.81
V
RD
Dynamic resistance
Tj=125℃
44
mΩ
IDRM
VD=VDRM VR=VRRM
Tj=25℃
5
μA
IRRM
Tj=125℃
0.35
mA
THERMAL RESISTANCES 
Symbol
Parameter
Value
Unit
Rth(j-c)
junction to case (AC)
2.5
℃
/W
Rth(j-a)
junction to ambient (AC)
60
℃
/W
3
 of 
1
Page 
1.0
Rev.
huixin@hxkj.hk
+86-769-22857832
huixin@hxkj.hk
+86-769-22857832
Rev. 1.0
Page
2 of4



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com