| Zakładka z wyszukiwarką danych komponentów |
|
FS2101 Arkusz danych(PDF) 18 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
FS2101 Arkusz danych(HTML) 18 Page - Agilent(Hewlett-Packard) |
|
18 / 48 page ![]() 18 The STAT variable is used by the PCI inverse assembler to decode PCI bus transactions. It should not be changed or deleted from the format menu. The signals that make up the STAT variable are listed in the following table. The STAT variable can be useful to set up SYMBOLS since it contains all of the key PCI control and status signals. STAT Variable PCI Bus Signal Name Bit 29 C/BE7 Bit 28 C/BE6 Bit 27 C/BE5 Bit 26 C/BE4 Bit 25 REQ64# Bit 24 AVALID_L Bit 23 WNODEV_L Bit 22 ACK64# (DATA64) Bit 21 TABORT_L Bit 20 DVALID_L Bit 19 WTARGET_L Bit 18 IWINITI_L Bit 17 RETRY_L Bit 16 SERR# Bit 15 IDLE_L Bit 14 PVALID_L Bit 13 MABORT_L Bit 12 CPERR_L Bit 11 STOP# Bit 10 DEVSEL# Bit 9 L_CM3 Bit 8 L_CM2 Bit 7 L_CM1 Bit 6 L_CM0 Bit 5 C/BE3 Bit 4 C/BE2 Bit 3 C/BE1 Bit 2 C/BE0 Bit 1 RESET# Bit 0 PERR# The STAT variable |