| Zakładka z wyszukiwarką danych komponentów |
|
DS1306E/TR Arkusz danych(PDF) 17 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS1306E/TR Arkusz danych(HTML) 17 Page - Dallas Semiconductor |
|
17 / 21 page ![]() DS1306 17 of 21 3-WIRE AC ELECTRICAL CHARACTERISTICS (TA = Over the operating range, unless otherwise specified.) (Figure 10 and Figure 11) PARAMETER SYMBOL MIN TYP MAX UNITS NOTES VCC = 2.0V 200 Data to CLK Setup tDC VCC = 5V 50 ns 3, 4 VCC = 2.0V 280 CLK to Data Hold tCDH VCC = 5V 70 ns 3, 4 VCC = 2.0V 800 CLK to Data Delay tCDD VCC = 5V 200 ns 3, 4, 5 VCC = 2.0V 1000 CLK Low Time tCL VCC = 5V 250 ns 4 VCC = 2.0V 1000 CLK High Time tCH VCC = 5V 250 ns 4 VCC = 2.0V 0.6 CLK Frequency tCLK VCC = 5V DC 2.0 MHz 4 VCC = 2.0V 2000 CLK Rise and Fall tR, tF VCC = 5V 500 ns VCC = 2.0V 4 CE to CLK Setup tCC VCC = 5V 1 ms 4 VCC = 2.0V 240 CLK to CE Hold tCCH VCC = 5V 60 ns 4 VCC = 2.0V 4 CE Inactive Time tCWH VCC = 5V 1 ms 4 VCC = 2.0V 280 CE to Output High-Z tCDZ VCC = 5V 70 ns 3, 4 VCC = 2.0V 280 SCLK to Output High-Z tCCZ VCC = 5V 70 ns 3, 4 |