| Zakładka z wyszukiwarką danych komponentów |
|
STM32L4P5CEU6 Arkusz danych(PDF) 78 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEU6 Arkusz danych(HTML) 78 Page - STMicroelectronics |
|
78 / 311 page ![]() 333 33 3 D10 D10 8 8 D1 D1 8 8 F1 F1 PC14- OSC32_I N (PC14) I/O FT (1) (2) EVENTOUT OSC32_IN 444 44 4 D9 E10 99 E1 E1 99 G1 G1 PC15- OSC32_O UT (PC15) I/O FT (1) (2) EVENTOUT OSC32_OUT - --- -- --- - D6 D6 10 10 F5 F5 PF0 I/O FT _f - I2C2_SDA, OCTOSPIM_P2_IO0, FMC_A0, EVENTOUT - - --- -- --- - D5 D5 11 11 F4 F4 PF1 I/O FT _f - I2C2_SCL, OCTOSPIM_P2_IO1, FMC_A1, EVENTOUT - - --- -- --- - D4 D4 12 12 F3 F3 PF2 I/O FT - I2C2_SMBA, OCTOSPIM_P2_IO2, FMC_A2, EVENTOUT - - --- -- --- - E4 E4 13 13 G3 G3 PF3 I/O FT - OCTOSPIM_P2_IO3, FMC_A3, EVENTOUT - - --- -- --- - F3 F3 14 14 G4 G4 PF4 I/O FT - OCTOSPIM_P2_CLK , FMC_A4, EVENTOUT - Table 15. STM32L4P5xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |