Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EV5424-R-00A Arkusz danych(PDF) 3 Page - Monolithic Power Systems

Numer części EV5424-R-00A
Szczegółowy opis  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MPS [Monolithic Power Systems]
Strona internetowa  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV5424-R-00A Arkusz danych(HTML) 3 Page - Monolithic Power Systems

  EV5424-R-00A Datasheet HTML 1Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 2Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 3Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 4Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 5Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 6Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 7Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 8Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
MP5424
– 5V POWER MANAGEMENT IC WITH I2C AND MTP
MP5424 Rev. 1.0
MonolithicPower.com
3
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MSL
MP5424GRM-xxxx**
QFN-26 (3.5mmx4.5mm)
See Below
1
MP5424GRM-0000
QFN-26 (3.5mmx4.5mm)
See Below
1
* For Tape & Reel, add suffix -Z (e.g. MP5424GRM-0000-Z, MP5424GRM-xxxx-Z).
** “xxxx” is the configuration code identifier for the register setting stored in the MTP.
The default number is “0000”. Each “x” can be a hexadecimal value between 0 and F. Contact an MPS FAE to
create this unique number.
TOP MARKING
MPS: MPS prefix
Y: Year code
W: Week code
M5424: Part number
LLLLL: Lot number
EVALUATION KIT EVKT-MP5424
EVKT-MP5424 kit contents (items below can be ordered separately):
#
Part Number
Item
Quantity
1
EV5424-R-00A
MP5424GRM evaluation board
1
2
EVKT-USBI2C-02
Includes one USB to I2C communication interface device, one USB
cable, and one ribbon cable
1
3
MP5424-0000
MP5424 IC which can be used for MTP programming
2
Order direct from MonolithicPower.com or our distributors.
Evaluation Board
Load
Ribbon Cable
GUI
Output
Input
USB to I
2C
Communication
Interface
Input Power Supply
USB Cable
Load
Figure 1: EVKT-MP5424 Evaluation Kit Set-Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44