Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1593PPCB Arkusz danych(PDF) 2 Page - Hammond Manufacturing Ltd.

Numer części 1593PPCB
Szczegółowy opis  ABS Plastic Hand Held/Instrument Enclosures
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HAMMOND [Hammond Manufacturing Ltd.]
Strona internetowa  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1593PPCB Arkusz danych(HTML) 2 Page - Hammond Manufacturing Ltd.

  1593PPCB Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1593PPCB Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10/22/2019
ABS Plastic Hand Held/Instrument Enclosures (1593AL Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/plastic/1593al
2/2
Data subject to change without notice
Part Number
Part Number
Part Number
Removable
Battery
Length
Width
Enclosure
Black
Gray
Trans Blue
Panels
Door
Depth
1593TALBK
1593TALGY
1593TALTBU
1
Yes
4.40
2.60
0.83
1593QALBK
1593QALGY
1593QALTBU
1
Yes
4.40
2.60
1.10
1593DALBK
1593DALGY
1593DALTBU
2
No
4.50
1.40
1.00
1593YALBK
1593YALGY
1593YALTBU
1
Yes
5.50
2.60
1.10
1593XALBK
1593XALGY
1593XALTBU
2
No
5.50
2.60
1.10
Replacement Screws & Accessories
Enclosure Part Number
Silver Assembly
Black Assembly
PC Board Mouting Screws
IR Panels
Aluminum Panels
PC Board
Beginning With
Screws (100-pack) Screws (100-pack)
(50-pack)
(10-pack)
(10-pack)
(enclosure sold separately)
1593K
1593QS100
1593QS100BK
1593ATS50
1593PIR10
1593PAL10
1593KPCB
1593J
1593QS100
1593QS100BK
1593ATS50
1593AR
1591TS100
1591TS100BK
SC519-50
1593ARIR10
1593ARAL10
1593S
1593MS100
1593MS100BK
1593ATS50
1593SIR10
1593SAL10
1593P
1593QS100
1593QS100BK
1593ATS50
1593PIR10
1593PAL10
1593PPCB
1593L
1593QS100
1593QS100BK
1593ATS50
1593PIR10
1593PAL10
1593LPCB
1593BB
1591TS100
1591TS100BK
1593ATS50
1593BBIR10
1593BBAL10
1593N
1593QS100
1593QS100BK
1593ATS50
1593NIR10
1593NAL10
1593T
1593MS100
1593MS100BK
1593ATS50
1593SIR10
1593SAL10
1593Q
1593QS100
1593QS100BK
1593ATS50
1593PIR10
1593PAL10
1593QPCB
1593D
1593QS100
1593QS100BK
1593ATS50
1593DIR10
1593DAL10
1593Y
1593QS100
1593QS100BK
1593ATS50
1593PIR10
1593PAL10
1593X
1593QS100
1593QS100BK
1593ATS50
1593PIR10
1593PAL10
Tags: 1593AL
© 2019. Hammond Manufacturing Ltd. All rights reserved.



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com