| Zakładka z wyszukiwarką danych komponentów |
|
P50-26-R1-EA Arkusz danych(PDF) 3 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
P50-26-R1-EA Arkusz danych(HTML) 3 Page - 3M Electronics |
|
3 / 7 page ![]() 3 Electronic Solutions Division Interconnect Solutions http://www.3Mconnector.com 3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373 3M™ Pak 50 Boardmount Plug .050" Through-Hole, Straight and Right Angle, with Ret. Clips, Flng. Option P50 Series TS-2046-B Sheet 3 of 5 Ordering Information P5X - XXXP - XXX - EA Contact Quantity: See Table Mounting Options: 0 = With Flanges 1 = Without Flanges, offered without retention clips only Solder Tail and Clip Options: S1 = Straight without Retention Clips SR1 = Right Angle without Retention Clips R1 = Straight with Retention Clips RR1 = Right Angle with Retention Clips Contact Quantity A B C 20 17.83 [0.702] 15.83 [0.623] 11.43 [0.450] 26 21.64 [0.852] 19.64 [0.773] 15.24 [0.600] 30 24.18 [0.952] 22.18 [0.873] 17.78 [0.700] 32 25.45 [1.002] 23.45 [0.923] 19.05 [0.750] 34 26.72 [1.052] 24.72 [0.973] 20.32 [0.800] 40 30.53 [1.202] 28.53 [1.123] 24.13 [0.950] Contact Quantity A B C 50 36.88 [1.452] 34.88 [1.373] 30.48 [1.200] 52 38.15 [1.502] 36.15 [1.423] 31.75 [1.250] 60 43.23 [1.702] 41.23 [1.623] 36.83 [1.450] 68 48.31 [1.902] 46.31 [1.823] 41.91 [1.650] 80 55.93 [2.202] 53.93 [2.123] 49.53 [1.950] 100 68.63 [2.702] 66.63 [2.623] 62.23 [2.450] Product Table / Dimensions for Straight without Flanges |