Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST7232AJ2BC Arkusz danych(PDF) 16 Page - STMicroelectronics

Numer części ST7232AJ2BC
Szczegółowy opis  8-BIT MICROCONTROLLER WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7232AJ2BC Arkusz danych(HTML) 16 Page - STMicroelectronics

Back Button ST7232AJ2BC Datasheet HTML 12Page - STMicroelectronics ST7232AJ2BC Datasheet HTML 13Page - STMicroelectronics ST7232AJ2BC Datasheet HTML 14Page - STMicroelectronics ST7232AJ2BC Datasheet HTML 15Page - STMicroelectronics ST7232AJ2BC Datasheet HTML 16Page - STMicroelectronics ST7232AJ2BC Datasheet HTML 17Page - STMicroelectronics ST7232AJ2BC Datasheet HTML 18Page - STMicroelectronics ST7232AJ2BC Datasheet HTML 19Page - STMicroelectronics ST7232AJ2BC Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 157 page
background image
ST7232A
16/157
Notes:
1. The contents of the I/O port DR registers are readable only in output configuration. In input configura-
tion, the values of the I/O pins are returned instead of the DR register contents.
2. The bits associated with unavailable pins must always keep their reset value.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More