| Zakładka z wyszukiwarką danych komponentów |
|
VPX1C2ABGY1B Arkusz danych(PDF) 3 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
VPX1C2ABGY1B Arkusz danych(HTML) 3 Page - Honeywell Solid State Electronics Center |
|
3 / 9 page ![]() Sensing and Internet of Things 3 Valve Position Indicator, VPX Series VPX Series 1 Aluminum Enclosure Material 1 2A 4A 2X snap action SPDT 4X snap action SPDT Switch Options 2A VPX Series Valve Position Indicator YB Yellow (open) Black (closed) GY RG Red (open) Green (closed) Green (open) Yellow (closed) YR GR Indicator Color China (standard) IEC Ex only Origin and Certifications C Yellow (open) Red (closed) 2 1 Namur 1/4 in flats 1 Shaft End Conduit Entry 2A 2B 2X snap action SPDT, gold contacts 4B 4X snap action SPDT, gold contacts GR Green (open) Red (closed) BY Black (open) Yellow (closed) RY Red (open) Yellow (closed) YG Yellow (open) Green (closed) 2C 2X I.S. inductive proximity switch (Namur) 2A 2B (2) 1/2-14 NPT (A & D) (2) 3/4-14 NPT (A & D) 2C 2D (2) M20 x 1.5 (A & D) (2) M25 x 1.5 (A & D) 4C (4)M20x1.5 (4) M25 x 1.5 3B (3)3/4-14NPT (A, B, & D) 4F (2) 1/2-14 NPT (B & D) & (2) 3/4-14 NPT (A & D) 4D A China (premium) IEC Ex, ATEX, cULus, CE C USA (premium) IEC Ex, ATEX, cULus, CE E A 45° Indicator Angle A B 90° 3 Ø7.25 knurl for ex. lever B A 360° continuous ±90° with spring return A Shaft Rotation – _ _ Specials Up to two letters or numbers to indicate a special feature. 1 Leave blank for no plugs 1 plug 1 Number of Conduit Plugs 3 2 2plugs 3 plugs Indicate how many plugs should be included. Any unused conduit entries must be sealed with a blanking element certified to the hazardous location environment (or better). Plugs can also be purchased separately. (see page 7). Figure 1. Product Nomenclature Table 2. Operating Characteristics (Non-Spring Return Version) Characteristic Parameter Operating torque 0,5 Nm [4.4 in-lb] max. Operating point Adjustable to any angle in 4° increments Factory set points for 4-switch option Switches 1 & 2: 25° ±25° when the shaft is rotated clockwise Switches 3 & 4 (45° indicator): 45° ±25° when the shaft is rotated counterclockwise Switches 3 & 4 (90° indicator): 90° ±25° when the shaft is rotated counterclockwise Factory set points for 2-switch option Switch 1: 25° ±25° when the shaft is rotated clockwise Switch 2 (45° indicator): 45° ±25° when the shaft is rotated counterclockwise Switch 2 (90° indicator): 90° ±25° when the shaft is rotated counterclockwise Table 3. Operating Characteristics (Spring Return Version) Characteristic Parameter Operating torque 1,2 Nm [10.7 in-lb] max. Max. travel 95° in either direction Switch 1 pretravel (45° indicator) 10° ±10° when the shaft is rotated clockwise Switch 1 pretravel (90° indicator) 10° ±10° when the shaft is rotated clockwise Switch 2 pretravel (45° indicator) 40° ±10° when the shaft is rotated counterclockwise Switch 2 pretravel (90° indicator) 80° ±10° when the shaft is rotated counterclockwise |