Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VPX1A2ABBY2B Arkusz danych(PDF) 2 Page - Honeywell Solid State Electronics Center

Numer części VPX1A2ABBY2B
Szczegółowy opis  Valve Position Indicator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HONEYWELL [Honeywell Solid State Electronics Center]
Strona internetowa  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

VPX1A2ABBY2B Arkusz danych(HTML) 2 Page - Honeywell Solid State Electronics Center

  VPX1A2ABBY2B Datasheet HTML 1Page - Honeywell Solid State Electronics Center VPX1A2ABBY2B Datasheet HTML 2Page - Honeywell Solid State Electronics Center VPX1A2ABBY2B Datasheet HTML 3Page - Honeywell Solid State Electronics Center VPX1A2ABBY2B Datasheet HTML 4Page - Honeywell Solid State Electronics Center VPX1A2ABBY2B Datasheet HTML 5Page - Honeywell Solid State Electronics Center VPX1A2ABBY2B Datasheet HTML 6Page - Honeywell Solid State Electronics Center VPX1A2ABBY2B Datasheet HTML 7Page - Honeywell Solid State Electronics Center VPX1A2ABBY2B Datasheet HTML 8Page - Honeywell Solid State Electronics Center VPX1A2ABBY2B Datasheet HTML 9Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 sensing.honeywell.com
Valve Position Indicator, VPX Series
Table 1. Specifications
Characteristic
Parameter
Series name
VPX Series
Product type
Valve Position Indicator
Housing material
Aluminum with protective paint finish
Housing size
152,3 mm H x 140 mm W x 140 mm D [6.0 in H x 5.5 in W x 5.5 in D] ref.
Operating temperature
Versions with four electromechanical switches: -40 °C to 50 °C [-40 °F to 122 °F]
Versions with two electromechanical switches: -40 °C to 60 °C [-40 °F to 140 °F]
Versions with proximity switches: -40 °C to 80 °C [-40 °F to 176 °F]
Sealing
NEMA 4, 4X, 6, and 13 per UL 50E;
IP66 per IEC 60079-0; IP67 per IEC 60529 (self-certified by Honeywell)
Agency approvals
cULus, ATEX, IEC EX, CE
coming soon: NEPSI, KOSHA approvals
Explosion proof hazardous
area designations
North America: Division 1, Class I, Groups B, C, and D (Gas Rating)
Division 1, Class II, Groups E, F, and G (Dust Rating)
ATEX/IEC Ex:
II 2 G, II 2 D (ATEX Rating)
Ex db IIC T6 Gb (Gas Rating)
Ex tb IIIC T85°C Db (Dust Rating)
Ta -40 °C to +50 °C (Switch Code 4A or 4B)
Ta -40 °C to +60 °C (Switch Code 2A or 2B)
Intrinsically safe hazardous
area designations
Versions of the VPX with proximity switches carry an intrinsically safe rating:
North America: Not Available
ATEX/IEC Ex:
II 1 G, II 1 D (ATEX Rating)
Ex ia IIC T4 Ga (Gas Rating)
Ex ia IIIC T135°C Da (Dust Rating)
Ta -40 °C to 80 °C
Visual indicator
Available in multiple colors and angles. Visible from all directions.
Electrical ratings
Versions with snap-action switches:
UL Rating: 15 A 150 Vac
CE Rating: 16 A 250 Vac
10 A 250 Vac
0.5 A 250 Vdc
0.5 A 250 Vdc
Versions with Intrinsically Safe Proximity Switches:
Switch element function: NAMUR, NC
Nominal voltage: 8.2 V
Current consumption (On) ≤ 1 mA
Current consumption (Off) ≥ 3 mA
Mechanical endurance
500,000 cycles min.
Safety Integration Level (SIL)
SIL 3 per IEC 61508-2. The Mean Cycle to Failure (MCTF) requirements are:
Mechanical endurance MCTF: 500,000 cycles
Electrical endurance MCTF proximity switches: 50,000 cycles
Electrical endurance MCTF electromechanical switches loaded at 16 A 250 Vac: 25,000 cycles
Electrical endurance MCTF electromechanical switches loaded at 0.5 A 250 Vdc: 10,000 cycles
Shock
IEC 60068-2-27; half sine, 50 g, 11 mS, 3 axis
Vibration
IEC 60068-2-6; 10 Hz to 59 Hz with 1,5 mm peak-to-peak, 60 Hz to 500 Hz @ 5 g, 7.5 min sweeps,
20 sweeps per axis
Product weight
2,4 kg [5.2 lb] (approx.)



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com