Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VPX1C2ABRY2B Arkusz danych(PDF) 3 Page - Honeywell Solid State Electronics Center

Numer części VPX1C2ABRY2B
Szczegółowy opis  Valve Position Indicator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HONEYWELL [Honeywell Solid State Electronics Center]
Strona internetowa  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

VPX1C2ABRY2B Arkusz danych(HTML) 3 Page - Honeywell Solid State Electronics Center

  VPX1C2ABRY2B Datasheet HTML 1Page - Honeywell Solid State Electronics Center VPX1C2ABRY2B Datasheet HTML 2Page - Honeywell Solid State Electronics Center VPX1C2ABRY2B Datasheet HTML 3Page - Honeywell Solid State Electronics Center VPX1C2ABRY2B Datasheet HTML 4Page - Honeywell Solid State Electronics Center VPX1C2ABRY2B Datasheet HTML 5Page - Honeywell Solid State Electronics Center VPX1C2ABRY2B Datasheet HTML 6Page - Honeywell Solid State Electronics Center VPX1C2ABRY2B Datasheet HTML 7Page - Honeywell Solid State Electronics Center VPX1C2ABRY2B Datasheet HTML 8Page - Honeywell Solid State Electronics Center VPX1C2ABRY2B Datasheet HTML 9Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Sensing and Internet of Things
3
Valve Position Indicator, VPX Series
VPX
Series
1 Aluminum
Enclosure
Material
1
2A
4A
2X snap action
SPDT
4X snap action
SPDT
Switch
Options
2A
VPX Series
Valve
Position
Indicator
YB
Yellow (open)
Black (closed)
GY
RG
Red (open)
Green (closed)
Green (open)
Yellow (closed)
YR
GR
Indicator
Color
China (standard)
IEC Ex only
Origin and
Certifications
C
Yellow (open)
Red (closed)
2
1 Namur
1/4 in flats
1
Shaft
End
Conduit
Entry
2A
2B
2X snap action
SPDT, gold
contacts
4B
4X snap action
SPDT, gold
contacts
GR
Green (open)
Red (closed)
BY
Black (open)
Yellow (closed)
RY
Red (open)
Yellow (closed)
YG
Yellow (open)
Green (closed)
2C
2X I.S. inductive
proximity
switch (Namur)
2A
2B
(2) 1/2-14 NPT
(A & D)
(2) 3/4-14 NPT
(A & D)
2C
2D
(2) M20 x 1.5
(A & D)
(2) M25 x 1.5
(A & D)
4C (4)M20x1.5
(4) M25 x 1.5
3B (3)3/4-14NPT
(A, B, & D)
4F
(2) 1/2-14 NPT
(B & D) & (2)
3/4-14 NPT (A & D)
4D
A
China (premium)
IEC Ex, ATEX, cULus, CE
C
USA (premium)
IEC Ex, ATEX, cULus, CE
E
A 45°
Indicator
Angle
A
B 90°
3
Ø7.25
knurl for
ex. lever
B
A 360°
continuous
±90° with
spring return
A
Shaft
Rotation
– _ _
Specials
Up to two
letters or numbers
to indicate a
special
feature.
1
Leave blank
for no plugs
1 plug
1
Number of
Conduit Plugs
3
2 2plugs
3 plugs
Indicate how many
plugs should be
included. Any
unused conduit entries
must be sealed with a
blanking element
certified to the
hazardous location
environment
(or better). Plugs can
also be purchased
separately.
(see page 7).
Figure 1. Product Nomenclature
Table 2. Operating Characteristics (Non-Spring Return Version)
Characteristic
Parameter
Operating torque
0,5 Nm [4.4 in-lb] max.
Operating point
Adjustable to any angle in 4° increments
Factory set points for 4-switch
option
Switches 1 & 2: 25° ±25° when the shaft is rotated clockwise
Switches 3 & 4 (45° indicator): 45° ±25° when the shaft is rotated counterclockwise
Switches 3 & 4 (90° indicator): 90° ±25° when the shaft is rotated counterclockwise
Factory set points for 2-switch
option
Switch 1: 25° ±25° when the shaft is rotated clockwise
Switch 2 (45° indicator): 45° ±25° when the shaft is rotated counterclockwise
Switch 2 (90° indicator): 90° ±25° when the shaft is rotated counterclockwise
Table 3. Operating Characteristics (Spring Return Version)
Characteristic
Parameter
Operating torque
1,2 Nm [10.7 in-lb] max.
Max. travel
95° in either direction
Switch 1 pretravel (45° indicator)
10° ±10° when the shaft is rotated clockwise
Switch 1 pretravel (90° indicator)
10° ±10° when the shaft is rotated clockwise
Switch 2 pretravel (45° indicator)
40° ±10° when the shaft is rotated counterclockwise
Switch 2 pretravel (90° indicator)
80° ±10° when the shaft is rotated counterclockwise



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com