| Zakładka z wyszukiwarką danych komponentów |
|
LF120AB Arkusz danych(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LF120AB Arkusz danych(HTML) 22 Page - STMicroelectronics |
|
22 / 32 page ![]() ELECTRICAL CHARACTERISTICS FOR LF120AB (refer to the test circuits, Tj =25 oC, Ci = 0.1 µF, Co = 2.2 µF unless otherwise specified) Symbol Parameter Test Conditions Min. Typ. Max. Unit Vo Output Voltage Io =50 mA, Vi =15 V Io =50 mA, Vi = 15 V -25<Ta<85 oC 11. 880 11. 760 12 12. 120 12. 240 V V Vi Operating Input Voltage Io = 500 mA 16 V Iout Output Current Limit 1 A ∆Vo Line Regulation Vi =13 to 16 V, Io = 5 mA 12 60 mV ∆Vo Load Regulation Vi = 13.3 V Io = 5 to 500 mA 12 60 mV Id Quiescent Current ON MODE Vi =13 to 16 V Io =0 mA Vi = 13.3 to 16 V Io =500 mA 0.7 1.5 12 mA mA OFF MODE Vi =13 V 70 140 µA SVR Supply Voltage Rejection Io = 5 mA Vi =14 V ± 1V f = 120 Hz f= 1 KHz f = 10 KHz 69 64 54 dB dB dB eN Output Noise Voltage B = 10 Hz to 100 KHz 50 µV Vd Dropout Voltage Io = 200 mA Io = 500 mA 0.2 0.4 0.35 0.7 V V Vil Control Input Logic Low -40 < Ta <125 oC0.8 V Vih Control Input Logic High -40 < Ta <125 oC2 V Ii Control Input Current Vi =13 V, Vc =6 V 10 µA CO Output Bypass Capacitance ESR = 0.1 to 10 Ω Io = 0 to 500 mA 210 µF ELECTRICAL CHARACTERISTICS FOR LF120C (refer to the test circuits, Tj =25 oC, Ci = 0.1 µF, Co = 2.2 µF unless otherwise specified) Symbol Parameter Test Conditions Min. Typ. Max. Unit Vo Output Voltage Io =50 mA, Vi =14 V Io =50 mA, Vi = 14 V -25<Ta<85 oC 11.76 11.52 12 12.24 12.48 V V Vi Operating Input Voltage Io = 500 mA 16 V Iout Output Current Limit 1 A ∆Vo Line Regulation Vi =13 to 16 V, Io = 5 mA 12 60 mV ∆Vo Load Regulation Vi = 13.3 V Io = 5 to 500 mA 12 60 mV Id Quiescent Current ON MODE Vi =13 to 16 V Io =0 mA Vi = 13.3 to 16 V Io =500 mA 0.7 1.5 12 mA mA OFF MODE Vi =13 V 70 140 µA SVR Supply Voltage Rejection Io = 5 mA Vi =14 V ± 1V f = 120 Hz f= 1 KHz f = 10 KHz 69 64 54 dB dB dB eN Output Noise Voltage B = 10 Hz to 100 KHz 50 µV Vd Dropout Voltage Io = 200 mA Io = 500 mA 0.2 0.4 0.35 0.7 V V Vil Control Input Logic Low -40 < Ta <125 oC0.8 V Vih Control Input Logic High -40 < Ta <125 oC2 V Ii Control Input Current Vi =13 V, Vc =6 V 10 µA CO Output Bypass Capacitance ESR = 0.1 to 10 Ω Io = 0 to 500 mA 210 µF LF00AB/C 22/32 |