Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BATT-TPLCABLE20 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części BATT-TPLCABLE20
Szczegółowy opis  RD33775ACNCEVB
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

BATT-TPLCABLE20 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  BATT-TPLCABLE20 Datasheet HTML 1Page - NXP Semiconductors BATT-TPLCABLE20 Datasheet HTML 2Page - NXP Semiconductors BATT-TPLCABLE20 Datasheet HTML 3Page - NXP Semiconductors BATT-TPLCABLE20 Datasheet HTML 4Page - NXP Semiconductors BATT-TPLCABLE20 Datasheet HTML 5Page - NXP Semiconductors BATT-TPLCABLE20 Datasheet HTML 6Page - NXP Semiconductors BATT-TPLCABLE20 Datasheet HTML 7Page - NXP Semiconductors BATT-TPLCABLE20 Datasheet HTML 8Page - NXP Semiconductors BATT-TPLCABLE20 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NXP Semiconductors
UM11746
RD33775ACNCEVB
2.2 Additional hardware
NXP offers the following board solutions to check the functionality of devices and support
the setup in testing the devices.
• BATT-14CEMULTAOR: 14-cell battery pack or a battery emulator
• BATT-14EXTENDER: battery emulator extender
3 Getting to know the hardware
3.1 Board overview
The RD33775ACNCEVB supports as a hardware reference design for centralized cell
monitoring unit to communicate directly via CAN or CAN FD. The MC33665ATF4AE
populated on RD33775ACNCEVB is a gateway router that can route TPL messages
with CAN or CAN FD communication protocol. The MC33775A is a battery cell
controller from NXP to monitor the cell voltages, temperatures, and passive balance.
RD33775ACNCEVB can support to monitor up to 56 cells.
Note: MC33665ATF4AE is used in RD33775ACNCEVB, any reference in this
documentation as MC33665A is to be considered as MC33665ATF4AE.
3.2 Board features
The main features of RD33775ACNCEVB are:
• CAN or CAN FD communication up to 5 Mbit/s to MC33665A
• Onboard CAN transceiver TJA1443
• Configurable CAN communication and CAN FD arbitration speeds using population
variant of resistors for CFG0 and CFG1 pins
• Configurable CAN ID (ID0_STB_OD, ID1, ID2, and ID3) for MC33665A using
population variant of resistors
• Four MC33775A battery cell controllers
• Voltage monitoring and passive cell balancing functionality for 56 cells (emulator or
relevant)
• Capacitive isolation for daisy chain communication of onboard MC33775A devices
• Transformer isolation for offboard daisy chain communication and from TPL port 0 of
MC33665A to MC33775A
• Flexible loopback configuration for single chain or two independent daisy chains
without loopback
UM11746
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
User manual
Rev. 2 — 25 August 2022
4 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18