Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PRTP05 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części PRTP05
Szczegółowy opis  PRTP05 PT100 NEEDLE PROBE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

PRTP05 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  PRTP05 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
57-0288-04 v2
DATA SHEET
PRTP05
PT100 NEEDLE PROBE
Description
This probe uses the bulbous handle to enable the sensor tip to be pushed into a semi-solid product with
maximum ease of use.
Construction
Needle Probe 3.3mm Diameter by 100mm Long : Stainless Steel 316 (Food Grade)
2M curly polyurethane cable to tails. Complete waterproof assembly.
Please note that this probe is not supplied with a connection plug for ease of hardwiring. Our PT100 probes
can be purchased with 4-way plug as standard, other connection plugs available if required.
4-way PRT plug order code: PRTPLUG
Sensor Features
TOTAL ENCAPSULATION TECHNIQUE FOR MAXIMUM STRENGTH AND DURABILITY.
This results in a solid handle as opposed to a hollow handle. This is particularly important as there is
often damage to the handles caused by excess heat. With a hollow handle it is possible to puncture
the outer plastic and damage the sensor irreparably.
WATERPROOF HANDLE
Due to the total encapsulation method used, all TME probe handles are completely waterproof.
TOUGH POLYURETHANE CABLE
Polyurethane cables are used in place of the standard PVC for the following reasons :-
Greater retractability
Enhanced memory of it’s curl
Non–Toxic
Greater mechanical strength for durability
12 X 0.2mm wires used internally for greater strength.
PTFE inner insulation for strength and retractability.
HIGH ACCURACY THERMOCOUPLE MATERIAL THROUGHOUT
PT100 Sensor
: Class A
(±0.15°C ±0.2%) (BS1904 Class A)
POLYPROPYLENE HANDLES
Polypropylene is an extremely tough and durable material, commonly used for milk crates, it has good
low temperature performance and a relatively high melt temperature. It performs exceptionally well
under chemical attack.
WIDE AMBIENT TEMPERATURE SPECIFICATION
: -30 TO 50 °C
TIME RESPONSE
(96%of value in water)
: 10 Secs
MEASUREMENT RANGE
: -100 TO 250 °C
Cross-reference for compatible instruments
Suitable instruments for use with this probe
TME PART
No
DESCRIPTION
APPLICATION
MM2050
MAX / MIN HOLD INSTRUMENT
HIGH ACCURACY INSTRUMENT WITH MAX, MIN AND HOLD FEATURES


Podobny numer części - PRTP05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Heyco.
PRT HEYCO-PRT Datasheet
102Kb / 1P
HEYCaps™ and Plugs for Round Tubing
logo
Automatic Timing & Cont...
PRT ATC-PRT Datasheet
167Kb / 1P
Phase Rotation Tester
logo
SparkFun Electronics
PRT-00091 SPARKFUN-PRT-00091 Datasheet
159Kb / 1P
9V Snap Connector
4/12/2016
PRT-00449 SPARKFUN-PRT-00449 Datasheet
100Kb / 1P
SparkFun RS232 Shifter - SMD
PRT-07840 SPARKFUN-PRT-07840 Datasheet
98Kb / 1P
Solar Cell Large - 2.5W
11/10/2015
More results

Podobny opis - PRTP05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ralston Instruments.
AS-QTHA-0109-BR RALSTON-AS-QTHA-0109-BR Datasheet
299Kb / 1P
Needle valve assembly, brass
AS-QTHA-0109-SS RALSTON-AS-QTHA-0109-SS Datasheet
287Kb / 1P
Needle valve assembly, stainless steel
logo
Pomona Electronics
4988 POMONA-4988 Datasheet
19Kb / 1P
Needle Tip, Replacement
logo
List of Unclassifed Man...
BU-50C ETC2-BU-50C Datasheet
53Kb / 1P
Meter Testing Clip With Needle
logo
Roithner LaserTechnik G...
FIELDMATE ROITHNER-FIELDMATE Datasheet
472Kb / 2P
analog needle for tuning
logo
List of Unclassifed Man...
79696035 ETC2-79696035 Datasheet
260Kb / 4P
Thermocouple / Pt100 Pt100 probe Class B max : 200 째C Pt100 probe Class B with sheath - St. steel 316 L 횠 6 mm : 200 mm longSilicon teflon cable : 2 m long - 3-wire assembly
logo
TT Electronics.
DS2532 TTELEC-DS2532 Datasheet
284Kb / 1P
PT100 Sensor
logo
Schneider Electric
TM5SAI2PH SCHNEIDER-TM5SAI2PH Datasheet
248Kb / 7P
Analog input module, Modicon TM5, 2I, temperature probe PT100/ PT1000, 16bits
Apr 6, 2022
TM5SAI4PH SCHNEIDER-TM5SAI4PH Datasheet
266Kb / 7P
Analog input module, Modicon TM5, 4I, temperature probe PT100/ PT1000, 16bits
Apr 6, 2022
logo
List of Unclassifed Man...
MIKROE-2885 ETC-MIKROE-2885 Datasheet
362Kb / 2P
PT100 3 wire temperature probe
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com