| Zakładka z wyszukiwarką danych komponentów |
|
74VCXH16244 Arkusz danych(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
74VCXH16244 Arkusz danych(HTML) 4 Page - STMicroelectronics |
|
4 / 11 page ![]() 74VCXH16244 4/11 DC SPECIFICATIONS (2.7V < VCC < 3.6V unless otherwise specified) Symbol Parameter Test Condition Value Unit VCC (V) -40to 85°C -55 to 125°C Min. Max. Min. Max. VIH High Level Input Voltage 2.7to3.6 2.0 2.0 V VIL Low Level Input Voltage 0.8 0.8 VOH High Level Output Voltage 2.7to3.6 IO=-100 µAVCC-0.2 VCC-0.2 V 2.7 IO=-12 mA 2.2 2.2 3.0 IO=-18 mA 2.4 2.4 IO=-24 mA 2.2 2.2 VOL Low Level Output Voltage 2.7to3.6 IO=100 µA 0.2 0.2 V 2.7 IO=12 mA 0.4 0.4 3.0 IO=18 mA 0.4 0.4 IO=24 mA 0.55 0.55 II Input Leakage Current 2.7to3.6 VI =VCC or GND ± 5 ± 5 µA II(HOLD) Input Hold Current 3.0 VI = 0.8V 75 75 µA VI =2V -75 -75 3.6 VI = 0 to 3.6V ± 500 ± 500 Ioff Power Off Leakage Current 0 VI or VO = 0 to 3.6V 10 10 µA IOZ High Impedance Output Leakage Current 2.7to3.6 VI =VIH or VIL VO = 0 to 3.6V ± 10 ± 10 µA ICC Quiescent Supply Current 2.7to3.6 VI =VCC or GND 20 20 µA VI or VO =VCC to 3.6V ± 20 ± 20 ∆I CC ICC incr. per Input 2.7to3.6 VIH =VCC -0.6V 750 750 µA |