| Zakładka z wyszukiwarką danych komponentów |
|
M14256 Arkusz danych(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M14256 Arkusz danych(HTML) 11 Page - STMicroelectronics |
|
11 / 12 page ![]() 11/12 M14256, M14128 Table 11. Ordering Information Scheme ORDERING INFORMATION Devices are shipped from the factory with the memory content set at all ‘1’s (FFh). The notation used for the device number is as shown in Table 11. For a list of available options (speed, package, etc.) or for further information on any aspect of this device, please contact the ST Sales Office nearest to you. Example: M14256 - W D22 Delivery Form D22 Module on Super 35 mm film Memory Capacity 256 256 Kbit Operating Voltage 128 128 Kbit W 2.5 V to 5.5 V |