Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

6116SA Arkusz danych(PDF) 11 Page - Renesas Technology Corp

Numer części 6116SA
Szczegółowy opis  CMOS Static RAM 16K (2K x 8-Bit)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6116SA Arkusz danych(HTML) 11 Page - Renesas Technology Corp

Back Button 6116SA Datasheet HTML 5Page - Renesas Technology Corp 6116SA Datasheet HTML 6Page - Renesas Technology Corp 6116SA Datasheet HTML 7Page - Renesas Technology Corp 6116SA Datasheet HTML 8Page - Renesas Technology Corp 6116SA Datasheet HTML 9Page - Renesas Technology Corp 6116SA Datasheet HTML 10Page - Renesas Technology Corp 6116SA Datasheet HTML 11Page - Renesas Technology Corp 6116SA Datasheet HTML 12Page - Renesas Technology Corp 6116SA Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
6.42
6116SA/LA
CMOS Static RAM 2K (16K x 8-Bit)
Military, Commercial, and Industrial Temperature Ranges
11
Jul.17.20
Orderable Part Information
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
15
6116SA15SOG
PSG24
SOIC
C
6116SA15SOG8
PSG24
SOIC
C
6116SA15TPG
PTG24
PDIP
C
20
6116SA20DB
CD24
CDIP
M
6116SA20SOG
PSG24
SOIC
C
6116SA20SOG8
PSG24
SOIC
C
6116SA20TDB
SD24
CDIP
M
6116SA20TPG
PTG24
PDIP
C
6116SA20TPGI
PTG24
PDIP
I
25
6116SA25SOG
PSG24
SOIC
C
6116SA25SOG8
PSG24
SOIC
C
6116SA25SOGI
PSG24
SOIC
I
6116SA25SOGI8
PSG24
SOIC
I
6116SA25TDB
SD24
CDIP
M
6116SA25TPG
PTG24
PDIP
C
6116SA25TPGI
PTG24
PDIP
I
35
6116SA35TDB
SD24
CDIP
M
45
6116SA45DB
CD24
CDIP
M
6116SA45TDB
SD24
CDIP
M
55
6116SA55DB
CD24
CDIP
M
6116SA55TDB
SD24
CDIP
M
70
6116SA70DB
CD24
CDIP
M
6116SA70TDB
SD24
CDIP
M
90
6116SA90DB
CD24
CDIP
M
6116SA90TDB
SD24
CDIP
M
120
6116SA120DB
CD24
CDIP
M
6116SA120TDB
SD24
CDIP
M
150
6116SA150DB
CD24
CDIP
M
6116SA150TDB
SD24
CDIP
M
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
20
6116LA20SOG
PSG24
SOIC
C
6116LA20SOG8
PSG24
SOIC
C
6116LA20SOGI
PSG24
SOIC
I
6116LA20SOGI8
PSG24
SOIC
I
6116LA20TDB
SD24
CDIP
M
6116LA20TPG
PTG24
PDIP
C
6116LA20TPGI
PTG24
PDIP
I
25
6116LA25DB
CD24
CDIP
M
6116LA25SOG
PSG24
SOIC
C
6116LA25SOG8
PSG24
SOIC
C
6116LA25SOGI
PSG24
SOIC
I
6116LA25SOGI8
PSG24
SOIC
I
6116LA25TDB
SD24
CDIP
M
6116LA25TPG
PTG24
PDIP
C
35
6116LA35DB
CD24
CDIP
M
6116LA35TDB
SD24
CDIP
M
45
6116LA45DB
CD24
CDIP
M
6116LA45TDB
SD24
CDIP
M
55
6116LA55DB
CD24
CDIP
M
6116LA55TDB
SD24
CDIP
M
70
6116LA70DB
CD24
CDIP
M
6116LA70TDB
SD24
CDIP
M
90
6116LA90DB
CD24
CDIP
M
6116LA90TDB
SD24
CDIP
M
120
6116LA120DB
CD24
CDIP
M
6116LA120TDB
SD24
CDIP
M
150
6116LA150DB
CD24
CDIP
M
6116LA150TDB
SD24
CDIP
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com