Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P2TC2010 Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części P2TC2010
Szczegółowy opis  High Precision Wraparound - ± 2 ppm/°C TCR Thin Film Chip Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P2TC2010 Arkusz danych(HTML) 2 Page - Vishay Siliconix

  P2TC2010 Datasheet HTML 1Page - Vishay Siliconix P2TC2010 Datasheet HTML 2Page - Vishay Siliconix P2TC2010 Datasheet HTML 3Page - Vishay Siliconix P2TC2010 Datasheet HTML 4Page - Vishay Siliconix P2TC2010 Datasheet HTML 5Page - Vishay Siliconix P2TC2010 Datasheet HTML 6Page - Vishay Siliconix P2TC2010 Datasheet HTML 7Page - Vishay Siliconix P2TC2010 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
P2TC
www.vishay.com
Vishay Sfernice
Revision: 13-Nov-2020
2
Document Number: 53080
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters (inches)
CASE SIZE
AB
C
D/E
MAX. TOL.
+0.152 (+0.006)
MIN. TOL.
-0.152 (-0.006)
MAX. TOL.
+0.127 (+0.005)
MIN. TOL.
-0.127 (-0.005)
NOMINAL
NOMINAL
NOMINAL
TOLERANCE
0402
1.00 (0.039)
0.60 (0.024)
0.5 (0.02)
± 0.127 (0.005)
0.25 (0.010)
0.1 (0.004)
0603
1.52 (0.060)
0.85 (0.033)
0.38 (0.015)
0.13 (0.005)
0805
1.91 (0.075)
1.27 (0.050)
1206
3.06 (0.120)
1.60 (0.063)
0.40 (0.016)
2010
5.08 (0.200)
2.54 (0.100)
0.48 (0.019)
SUGGESTED LAND PATTERN (to IPC-7351A)
CHIP SIZE
DIMENSIONS in millimeters (inches)
Zmax.
Gmin.
Xmax.
0402
1.55 (0.061)
0.15 (0.006)
0.73 (0.029)
0603
2.37 (0.093)
0.35 (0.014)
0.98 (0.039)
0805
2.76 (0.109)
0.74 (0.029)
1.40 (0.055)
1206
3.91 (0.154)
1.85 (0.073)
1.73 (0.068)
2010
5.93 (0.233)
3.71 (0.146)
2.67 (0.105)
TEMPERATURE COEFFICIENT
TYPICAL TCR
(ppm/°C)
TYPICAL TCR AND MAX. SPREAD
(ppm/°C)
± 2
± 2 ± 2
A
D
D
C
E
E
B
G
min.
Z
max.
X
max.



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com