| Zakładka z wyszukiwarką danych komponentów |
|
EMPLUS-CD Arkusz danych(PDF) 2 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
EMPLUS-CD Arkusz danych(HTML) 2 Page - PANDUIT CORP. |
|
2 / 2 page ![]() Easy-Mark Plus™ Labeling Software WORLDWIDE SUBSIDIARIES AND SALES OFFICES For a copy of Panduit product warranties, log on to www.panduit.com/EasyMarkPlus PANDUIT CANADA Markham, Ontario cs-cdn@panduit.com Phone: 800.777.3300 PANDUIT EUROPE LTD. London, UK cs-emea@panduit.com Phone: 44.20.8601.7200 PANDUIT SINGAPORE PTE. LTD. Republic of Singapore cs-ap@panduit.com Phone: 65.6305.7575 PANDUIT JAPAN Tokyo, Japan cs-japan@panduit.com Phone: 81.3.6863.6000 PANDUIT LATIN AMERICA Guadalajara, Mexico cs-la@panduit.com Phone: 52.33.3777.6000 PANDUIT AUSTRALIA PTY. LTD. Victoria, Australia cs-aus@panduit.com Phone: 61.3.9794.9020 ©2016 Panduit Corp. ALL RIGHTS RESERVED. IDCB84--SA-ENG 4/2016 For more information Visit us at www.panduit.com Contact Customer Service by email: cs@panduit.com or by phone: 800.777.3300 Impro ved Functionality Adjustable Character Spacing* Drag and Drop* Rotate View* Adjustable Line Spacing* Frames* Serialization Auto Font Size* Lines* Symbols Library Auto Length* Market Wizards Tables* Barcodes Password Protect Function Text Boxes* Circles* Prompt at Print* Two-Sided Printing Mode Data Import QR Codes* Wiremarker Mode Date and Time Stamp* Rectangles* Zoom In and Out* • WINDOWS ^ XP, Vista, 7, 8, 8.1, or 10 • 32 or 64 bit operating systems • 300 MB hard drive space and 2 GB Memory • Microsoft.NET Framework 4.0 or higher • Mouse or compatible pointing device • Keyboard • Optical Disc Drive or USB Port Key F eatures Benefits (continued) Market specific labeling application wizards Patented application wizards for control panels, construction and maintenance, safety signs, pipemarkers, datacenters, and enterprise networks assist with the automatic design and formatting of labels for compliance to industry standards (ANSI, OSHA, TIA-606-B, etc.) Multiple language options Instructions and user interface are available for multiple languages in one version: English, Chinese, French, German, Italian, Korean, Portuguese, Spanish, and Japanese Pre-loaded Panduit label formats Thousands of label formats for thermal transfer, laser jet, ink jet, dot matrix, and hand-held printers are included, and can be selected or changed quickly and easily File compatibility Use with all existing Panduit® Easy-Mark™ and Pan-Mark™ files designed in the past, or update them with new objects and styling; no need to re-create ‘old’ label files Upgradeable Future revisions, enhancements, and new label formats are available at no additional charge on the Panduit website; Easy-Mark™ Plus can be configured to automatically check for updates ' Rating Plate Labels Safety and Facility Labels ' Network Labeling Easy and P owerful Label Design Options * New Easy-Mark Plus™ Labeling Software function. System Requirements Ordering Information Part Number Description Std. Pkg. Qty. Std. Ctn. Qty. EMPLUS-CD Easy-Mark Plus™ Labeling Software, CD-ROM. 1 10 EMPLUS-DL Easy-Mark Plus™ Labeling Software, online download. 1 10 EMPLUS-2GO Easy-Mark Plus™ Portable Application, USB Flash Drive. 1 10 EMPLUS-SERVER Easy-Mark Plus™ Labeling Software, networkable server based version. 1 10 Note: Additional requirements for Server version only: Windows Server 2008 SP2, 2008 R2, 2012, or 2012 R2, 1 GB hard drive space, and 3 GB memory. ^Windows is a registered trademark of Microsoft Corp. in the United States and/or other countries. |