| Zakładka z wyszukiwarką danych komponentów |
|
CD54HC112F3A Arkusz danych(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CD54HC112F3A Arkusz danych(HTML) 4 Page - Texas Instruments |
|
4 / 18 page ![]() 4 Quiescent Device Current ICC VCC or GND 0 6 - - 4 - 40 - 80 µA HCT TYPES High Level Input Voltage VIH - - 4.5 to 5.5 2- - 2 - 2 - V Low Level Input Voltage VIL - - 4.5 to 5.5 - - 0.8 - 0.8 - 0.8 V High Level Output Voltage CMOS Loads VOH VIH or VIL -0.02 4.5 4.4 - - 4.4 - 4.4 - V High Level Output Voltage TTL Loads -4 4.5 3.98 - - 3.84 - 3.7 - V Low Level Output Voltage CMOS Loads VOL VIH or VIL 0.02 4.5 - - 0.1 - 0.1 - 0.1 V Low Level Output Voltage TTL Loads 4 4.5 - - 0.26 - 0.33 - 0.4 V Input Leakage Current II VCC and GND - 5.5 - ±0.1 - ±1- ±1 µA Quiescent Device Current ICC VCC or GND 0 5.5 - - 4 - 40 - 80 µA Additional Quiescent Device Current Per Input Pin: 1 Unit Load ∆ICC (Note 3) VCC - 2.1 - 4.5 to 5.5 - 100 360 - 450 - 490 µA NOTE: 3. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA. DC Electrical Specifications (Continued) PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS VI (V) IO (mA) MIN TYP MAX MIN MAX MIN MAX HCT Input Loading Table INPUT UNIT LOADS 1S, 2S 0.5 1K, 2K 0.6 1R, 2R 0.65 1J, 2J, 1CP, 2CP 1 NOTE: Unit Load is ∆ICC limit specified in DC Electrical Specifica- tions table, e.g., 360 µA max at 25oC. Prerequisite For Switching Specifications PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN TYP MAX MIN MAX MIN MAX HC TYPES Pulse Width CP tW - 2 80 - - 100 - 120 - ns 4.5 16 - - 20 - 24 - ns 6 14 - - 17 - 20 - ns CD54HC112, CD74HC112, CD54HCT112, CD74HCT112 |