| Zakładka z wyszukiwarką danych komponentów |
|
OT 250/220...240/24 P Arkusz danych(PDF) 1 Page - Intelligent LED Solutions |
|
|
|||||||||||||||||||||||||||||
OT 250/220...240/24 P Arkusz danych(HTML) 1 Page - Intelligent LED Solutions |
|
1 / 11 page ![]() © IGS Version V5 +44 (0)1635 294606 | info@i-led.co.uk | www.i-led.co.uk Intelligent LED Solutions, Unit 2, Berkshire Business Centre, Berkshire Drive, Thatcham, Berkshire, RG19 4EW A division of Intelligent Group Solutions Ltd 1 of 11 OSRAM High Bright PowerFlex LED Strips 7.5mm LED Pitch ILX-E507-xx10-3240-SD2xx The PowerFlex range are densely populated, high bright, flexible LED strips using the OSRAM DURIS E5/E2825 LED at its heart. Unlike standard flexible LED strips, the ILX range of strips from ILS incorporate constant current drivers, protection diodes and the latest 3M thermal tape. This combination gives unparalleled performance with brightness in excess of 3000 lumens per metre whilst still achieving 50,000 hours working life. Combined with a full range of accessories including extrusions and connectors, the ILX family of flexible LED reels finally offers a solution for the industrial as well as consumer markets. CONTENTS Applications page 2 Technical Features page 2 Product Options page 3 Min and max value table page 3 Technical Drawings page 5 LED Radiation Diagram page 5 Heatsink Options page 6 Power Supply Options page 7-8 Thermal Interface Material Options page 9 Important Information and Precautions page 9 Safety Information page 10 |
Podobny opis - OT 250/220...240/24 P |